Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGCL80TS60D Datasheet(PDF) 13 Page - Rohm

Part # RGCL80TS60D
Description  600V 40A Field Stop Trench IGBT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RGCL80TS60D Datasheet(HTML) 13 Page - Rohm

Back Button RGCL80TS60D Datasheet HTML 5Page - Rohm RGCL80TS60D Datasheet HTML 6Page - Rohm RGCL80TS60D Datasheet HTML 7Page - Rohm RGCL80TS60D Datasheet HTML 8Page - Rohm RGCL80TS60D Datasheet HTML 9Page - Rohm RGCL80TS60D Datasheet HTML 10Page - Rohm RGCL80TS60D Datasheet HTML 11Page - Rohm RGCL80TS60D Datasheet HTML 12Page - Rohm RGCL80TS60D Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Datasheet
Part Number
RGCL80TS60D
Package
TO-247N
Unit Quantity
450
Minimum Package Quantity
450
Packing Type
Bulk
Constitution Materials List
inquiry
RoHS
Yes
RGCL80TS60D - Web Page
Distribution Inventory
Buy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com