Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGCL80TS60D Datasheet(PDF) 7 Page - Rohm

Part # RGCL80TS60D
Description  600V 40A Field Stop Trench IGBT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RGCL80TS60D Datasheet(HTML) 7 Page - Rohm

Back Button RGCL80TS60D Datasheet HTML 3Page - Rohm RGCL80TS60D Datasheet HTML 4Page - Rohm RGCL80TS60D Datasheet HTML 5Page - Rohm RGCL80TS60D Datasheet HTML 6Page - Rohm RGCL80TS60D Datasheet HTML 7Page - Rohm RGCL80TS60D Datasheet HTML 8Page - Rohm RGCL80TS60D Datasheet HTML 9Page - Rohm RGCL80TS60D Datasheet HTML 10Page - Rohm RGCL80TS60D Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Data Sheet
RGCL80TS60D
lElectrical Characteristic Curves
Gate To Emitter Voltage : V
GE [V]
Gate To Emitter Voltage : V
GE [V]
Collector Current : I
C [A]
Fig.12 Typical Switching Time
vs. Gate Resistance
Gate Resistance : R
G [Ω]
Fig.9 Typical Collector To Emitter Saturation Voltage
vs. Gate To Emitter Voltage
Fig.10 Typical Collector To Emitter Saturation Voltage
vs. Gate To Emitter Voltage
Fig.11 Typical Switching Time
vs. Collector Current
0
5
10
15
20
5
10
15
20
T
j= 25ºC
I
C= 80A
I
C= 20A
I
C= 40A
0
5
10
15
20
5
10
15
20
T
j= 175ºC
I
C= 80A
I
C= 20A
I
C= 40A
10
100
1000
0
10
20
30
40
50
60
70
80
t
f
V
CC=400V, VGE=15V
R
G=10Ω, Tj=175ºC
Inductive load
t
d(off)
t
d(on)
t
r
10
100
1000
0
10
20
30
40
50
t
f
t
d(off)
t
d(on)
t
r
V
CC=400V, IC=40A
V
GE=15V, Tj=175ºC
Inductive load
7/11
2015.09 - Rev.A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com