Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G38YZPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G38YZPR
Description  DUAL 2 INPUT NAND GATE WITH OPEN DRAIN OUTPUT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G38YZPR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC2G38YZPR Datasheet HTML 1Page - Texas Instruments SN74LVC2G38YZPR Datasheet HTML 2Page - Texas Instruments SN74LVC2G38YZPR Datasheet HTML 3Page - Texas Instruments SN74LVC2G38YZPR Datasheet HTML 4Page - Texas Instruments SN74LVC2G38YZPR Datasheet HTML 5Page - Texas Instruments SN74LVC2G38YZPR Datasheet HTML 6Page - Texas Instruments SN74LVC2G38YZPR Datasheet HTML 7Page - Texas Instruments SN74LVC2G38YZPR Datasheet HTML 8Page - Texas Instruments SN74LVC2G38YZPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SN74LVC2G38
DUAL 2INPUT NAND GATE
WITH OPEN DRAIN OUTPUT
SCES554A − MARCH 2004 − REVISED OCTOBER 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Available in the Texas Instruments
NanoStar
 and NanoFree Packages
D Supports 5-V VCC Operation
D Inputs Accept Voltages to 5.5 V
D Max tpd of 4 ns at 3.3 V
D Low Power Consumption, 10-µA Max ICC
D ±24-mA Output Drive at 3.3 V
D Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
D Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
D Ioff Supports Partial-Power-Down Mode
Operation
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
description/ordering information
The SN74LVC2G38 is designed for 1.65-V to 5.5-V VCC operation.
This device is a dual two-input NAND buffer gate with open-drain outputs. It performs the Boolean function
Y = A
• B or Y = A + B in positive logic.
NanoStar
 and NanoFree package technology is a major breakthrough in IC packaging concepts, using the
die as the package.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING‡
NanoStar
 − WCSP (DSBGA)
0.23-mm Large Bump − YEP
Reel of 3000
SN74LVC2G38YEPR
_ _ _D7_
−40
°C to 85°C
NanoFree
 − WCSP (DSBGA)
0.23-mm Large Bump − YZP (Pb-free)
Reel of 3000
SN74LVC2G38YZPR
_ _ _D7_
−40
°C to 85°C
SSOP − DCT
Reel of 3000
SN74LVC2G38DCTR
C38_ _ _
VSSOP − DCU
Reel of 3000
SN74LVC2G38DCUR
C38_
VSSOP − DCU
Reel of 250
SN74LVC2G38DCUT
C38_
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
‡ DCT: The actual top-side marking has three additional characters that designate the year, month, and assembly/test site.
DCU: The actual top-side marking has one additional character that designates the assembly/test site.
YEP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one
following character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition
(1 = SnPb,
• = Pb-free).
Copyright
 2004, Texas Instruments Incorporated
DCT OR DCU PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1A
1B
2Y
GND
VCC
1Y
2B
2A
4
3
2
1
5
6
7
8
GND
2Y
1B
1A
2A
2B
1Y
VCC
YEP OR YZP PACKAGE
(BOTTOM VIEW)
NanoStar and NanoFree are trademarks of Texas Instruments.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74LVC2G38YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G38 TI2-SN74LVC2G38 Datasheet
525Kb / 18P
Dual 2-Input NAND Gate With Open-Drain Outputs
REVISED DECEMBER 2013
SN74LVC2G38DCTR TI2-SN74LVC2G38DCTR Datasheet
525Kb / 18P
Dual 2-Input NAND Gate With Open-Drain Outputs
REVISED DECEMBER 2013
SN74LVC2G38DCTR.B TI2-SN74LVC2G38DCTR.B Datasheet
525Kb / 18P
Dual 2-Input NAND Gate With Open-Drain Outputs
REVISED DECEMBER 2013
SN74LVC2G38DCUR TI2-SN74LVC2G38DCUR Datasheet
525Kb / 18P
Dual 2-Input NAND Gate With Open-Drain Outputs
REVISED DECEMBER 2013
SN74LVC2G38DCUR.B TI2-SN74LVC2G38DCUR.B Datasheet
525Kb / 18P
Dual 2-Input NAND Gate With Open-Drain Outputs
REVISED DECEMBER 2013
More results

Similar Description - SN74LVC2G38YZPR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01 Datasheet
78Kb / 6P
2-Input NAND Gate with Open Drain Output
June, 2005 ??Rev. 14
logo
Leshan Radio Company
MC74VHC1G01 LRC-MC74VHC1G01 Datasheet
153Kb / 4P
2-Input NAND Gate with Open Drain Output
logo
List of Unclassifed Man...
MC74VHC1G03 ETC1-MC74VHC1G03 Datasheet
190Kb / 4P
2-Input NAND Gate with Open Drain Output
logo
E-Tech Electronics LTD
MC74VHC1G01 ETL-MC74VHC1G01 Datasheet
579Kb / 4P
2-Input NAND Gate with Open Drain Output
MC74VHC1G03 ETL-MC74VHC1G03 Datasheet
607Kb / 4P
2-Input NAND Gate with Open Drain Output
logo
Toshiba Semiconductor
TC7SZ38F TOSHIBA-TC7SZ38F Datasheet
188Kb / 7P
2-Input NAND Gate(Open Drain Output)
logo
Leshan Radio Company
L74VHC1G01 LRC-L74VHC1G01 Datasheet
225Kb / 6P
2-Input NAND Gate with Open Drain Output
L74VHC1G03 LRC-L74VHC1G03 Datasheet
207Kb / 6P
2-Input NAND Gate with Open Drain Output
logo
ON Semiconductor
NL17SZ38 ONSEMI-NL17SZ38 Datasheet
266Kb / 10P
2-Input NAND Gate, Open Drain Output
December, 2019 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC2G38 NEXPERIA-74LVC2G38 Datasheet
303Kb / 20P
Dual 2-input NAND gate; open drain
Rev. 14 - 21 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com