Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT5508 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT5508
Description  Speaker Amplifier with Speaker Protection
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5508 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT5508 Datasheet HTML 1Page - Richtek Technology Corporation RT5508 Datasheet HTML 2Page - Richtek Technology Corporation RT5508 Datasheet HTML 3Page - Richtek Technology Corporation RT5508 Datasheet HTML 4Page - Richtek Technology Corporation RT5508 Datasheet HTML 5Page - Richtek Technology Corporation RT5508 Datasheet HTML 6Page - Richtek Technology Corporation RT5508 Datasheet HTML 7Page - Richtek Technology Corporation RT5508 Datasheet HTML 8Page - Richtek Technology Corporation RT5508 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
RT5508
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5508-01
March
2017
www.richtek.com
1
Speaker Amplifier with Speaker Protection
General Description
The RT5508 is a mono BTL class-D amplifier with
cutting-edge speaker protection algorithm. Also, a
built-in DC-DC step-up converter is used to provide
efficient power for class-D amplifier. I2S interface
supports two different audio sources while a pair of
auxiliary DATAI/O is used for stereo mode or
pass-through application. Chip information including
gain, speaker protection output or current sense is able
to be monitored via DATAO through proper register
setting. Speaker protection provides mechanical /
thermal protection with accuracy of 10%/±10
C of rated
limit.
Ordering Information
RT5508
Package Type
WSC : WL-CSP-29B 2.87x2.07 (BSC)
Pin 1 Orientation
***
(2) : Quadrant 2, Follow EIA-481-D
Note :
***Empty means Pin1 orientation is Quadrant 1
Richtek products are :
RoHS compliant and compatible with the current
requirements of IPC/JEDEC J-STD-020.
Suitable for
use in
SnPb
or
Pb-free soldering
processes.
Features
Class-D Speaker AMP
1.6W Output Power @ 5.3V, 8
 Load, THD < 1%
0/3/6/9/12/15dB Boost Gain
20
V Output Noise @ 0dB Gain
Boost Converter
Adaptive Boost For Speaker, Boost from
Battery Supply Up to Programmed Voltage,
Max 5.3V
Power Modes : Adaptive Boost, Fixed Boost,
Bypass Mode
Switching Frequency 2MHz, Maximum Output
Current 1A
Support CCM / DCM Compensation, Feedback
ADC
Digital Part : Voltage Loop in Boost Mode
Digital
Digital Audio Interface Support I
2S,
Left-Justified, Right-Justified
I
2S Sampling Rate Support up to 48kHz, 24-bit
Digital Filter, Digital Volume, Multi-Band DRC
Speaker Protection
Speaker Amplitude Estimation Accuracy : Error
< 10%
Bl Calibration Function
Temperature Sensing
Speaker Temperature Estimation Accuracy :
Error < ±10
C
Applications
Smart Phone
Tablet
Simplified Application Circuit
Control
Interface
Audio Interface 1
OUTA
OUTB
1.8V
Battery
VINB
SDA
SCL
LRCK1
BCK1
DAI1
DATAO
RT5508
GND


Similar Part No. - RT5508

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5509 RICHTEK-RT5509 Datasheet
2Mb / 58P
Speaker Amplifier with Speaker Protection
RT5509WSC RICHTEK-RT5509WSC Datasheet
2Mb / 58P
Speaker Amplifier with Speaker Protection
logo
RFHIC
RT550PD RFHIC-RT550PD Datasheet
153Kb / 2P
Power Transistor
RT550PD RFHIC-RT550PD Datasheet
185Kb / 3P
Power Transistor
RT550PD RFHIC-RT550PD_14 Datasheet
185Kb / 3P
Power Transistor
More results

Similar Description - RT5508

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSA180 OKI-MSA180 Datasheet
147Kb / 17P
Piezo Speaker Amplifier
MSC1157 OKI-MSC1157 Datasheet
143Kb / 14P
Speaker Drive Amplifier
logo
Toshiba Semiconductor
TA7317P TOSHIBA-TA7317P Datasheet
176Kb / 3P
PROTECTION CIRCUIT FOR OCL POWER AMPLIFIER AND SPEAKER
logo
OKI electronic componet...
MSC1191 OKI-MSC1191 Datasheet
481Kb / 9P
DIRECT DRIVE SPEAKER AMPLIFIER
logo
KODENSHI_AUK CORP.
KK5009 KODENSHI-KK5009 Datasheet
207Kb / 3P
Speaker Amplifier
logo
ON Semiconductor
CM1416 ONSEMI-CM1416 Datasheet
168Kb / 9P
Headset/Speaker EMI Filter with ESD Protection
April 2010 Rev. 2
logo
Texas Instruments
LM49251 TI1-LM49251 Datasheet
3Mb / 42P
Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
LM49153 TI1-LM49153_15 Datasheet
2Mb / 31P
Mono Audio Subsystem with Class G Headphone Amplifier, Class D Speaker Amplifier, Noise Gate and Speaker Protection
LM49251 TI1-LM49251_15 Datasheet
8Mb / 41P
Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
logo
Richtek Technology Corp...
RT5509 RICHTEK-RT5509 Datasheet
2Mb / 58P
Speaker Amplifier with Speaker Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com