Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9428WPI Datasheet(PDF) 11 Page - Xicor Inc.

Part # X9428WPI
Description  Single Digitally Controlled Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9428WPI Datasheet(HTML) 11 Page - Xicor Inc.

Back Button X9428WPI Datasheet HTML 7Page - Xicor Inc. X9428WPI Datasheet HTML 8Page - Xicor Inc. X9428WPI Datasheet HTML 9Page - Xicor Inc. X9428WPI Datasheet HTML 10Page - Xicor Inc. X9428WPI Datasheet HTML 11Page - Xicor Inc. X9428WPI Datasheet HTML 12Page - Xicor Inc. X9428WPI Datasheet HTML 13Page - Xicor Inc. X9428WPI Datasheet HTML 14Page - Xicor Inc. X9428WPI Datasheet HTML 15Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
X9428
Characteristics subject to change without notice.
11 of 20
REV 1.1.5 7/8/03
www.xicor.com
ABSOLUTE MAXIMUM RATINGS
Temperature under bias ....................–65
°C to +135°C
Storage temperature .........................–65
°C to +150°C
Voltage on SDA, SCL or any address
input with respect to VSS .........................–1V to +7V
Voltage on V+ (referenced to VSS)......................... 10V
Voltage on V- (referenced to VSS).........................-10V
(V+) – (V-).............................................................. 12V
Any VH/RH............................................................... V+
Any VL/RL................................................................. V-
Lead temperature (soldering, 10 seconds)........ 300
°C
IW (10 seconds)................................................ ±12mA
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device (at these or any other conditions above those
listed in the operational sections of this specification) is
not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0
°C
+70
°C
Industrial
–40
°C
+85
°C
Device
Supply Voltage (VCC) Limits
X9428
5V
±10%
X9428-2.7
2.7V to 5.5V
ANALOG CHARACTERISTICS (Over recommended operating conditions unless otherwise stated.)
Symbol
Parameter
Limits
Test Conditions
Min.
Typ.
Max.
Unit
End to end resistance tolerance
±20
%
Power rating
50
mW
25°C, each pot
IW
Wiper current
±6
mA
RW
Wiper resistance
150
250
Ω
Wiper current =
± 1mA, VCC = 3V
40
100
Ω
Wiper current =
± 1mA, VCC = 5V
V+
Voltage on V+ pin
X9428
+4.5
+5.5
V
X9428-2.7
+2.7
+5.5
V-
Voltage on V- pin
X9428
-5.5
-4.5
V
X9428-2.7
-5.5
-2.7
VTERM
Voltage on any VH/RH or VL/RL pin
V-
V+
V
Noise
-140
dBV
Ref: 1kHz
Resolution (4)
1.6
%
Absolute linearity (1)
±1
MI(3)
Vw(n)(actual)—Vw(n)(expected)
Relative linearity (2)
±0.2
MI(3)
Vw(n + 1)—[Vw(n) + MI]
Temperature Coefficient of RTOTAL
±300
ppm/
°C
Ratiometric Temperature Coefficient
±20
ppm/°C
CH/CL/CW Potentiometer Capacitances
10/10/25
pF
See Circuit #3,
Spice Macromodel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com