Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSR Datasheet(PDF) 2 Page - Rohm

Part # PSR
Description  Ultra low ohmic metal plate
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

PSR Datasheet(HTML) 2 Page - Rohm

  PSR Datasheet HTML 1Page - Rohm PSR Datasheet HTML 2Page - Rohm PSR Datasheet HTML 3Page - Rohm PSR Datasheet HTML 4Page - Rohm PSR Datasheet HTML 5Page - Rohm PSR Datasheet HTML 6Page - Rohm PSR Datasheet HTML 7Page - Rohm PSR Datasheet HTML 8Page - Rohm PSR Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PSR series
Datasheet
●
Characteristics
Test items
Guaranteed value
Test conditions
Resistor type
Resistance
F ( ±1% )
Measuring method : 4probe per Bottom terminal
Variation of resistance
with temperature
See P1
Measurement:+20/+125℃
Overload
±0.5%
Rated power×5, 5s
Solderability
Anew uniform coating of minimum of 95% of
the surface being immersed and no
soldering damage.
Flux:Rosin- Ethanol solution(25%weight)
with diethylamine hydrochloride(3%weight)
Soldering condition:245±5℃
Duration of immersion:2.0±0.5s
Resistance to
soldering heat
±1.0%
Soldering condition:260±5℃
Duration of immersion:10±1s
No remarkable abnormality on the appearance.
Rapid change of
temperature
±1.0%
Test temp:-55℃~+155℃ 5cycle
Damp heat, steady state
±0.5%
40 ℃,93%(Relative humidity)
Test time:1,000h~1,048h
ENDURANCE AT 140℃
(terminal temperature)
(PSR100)
±1.0%
Terminal temperature:140℃,Rated power
1.5h:ON-0.5h:OFF
Test time:1,000h~1,048h
ENDURANCE AT 70℃
(ambient temperature)
±1.0%
Ambient temperature:70℃,Rated power
1.5h:ON-0.5h:OFF
Test time:1,000h~1,048h
Endurance at 170℃
±1.0%
170℃
Test time:1,000h~1,048h
Component solvent
Resistance
±0.5%
23±5℃, Immersion cleaning, 10±1s.
Solvent: 2-propanol
Bend strength of
the end face plating
Without open
-
Compliance Standard(s) : IEC60115-8
●
Solder conditions
JISC 5201-1
Recommeded solder profile
Reflow
Temperature(℃)
260
220
150~180
Time(s)
Peak
10s Max.
60s
120s
(Note) About flow soldering
① This part has the structure that resistive element exposed.
Therefore, the solder may be attached to resistive element if
Flow soldering is used, and resistance value may be outside
of the spec.
② This part is ultra low ohmic resistoe.If the solder is not equally
attached on the whole area between the bottomelectrode
and land pattem, resistance value may be outside of the
spec.
www.rohm.com
© 2016 ROHMCo., Ltd. All rights reserved.
2/5
2017.06 - Rev.G



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com