Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSR Datasheet(PDF) 5 Page - Rohm

Part # PSR
Description  Ultra low ohmic metal plate
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

PSR Datasheet(HTML) 5 Page - Rohm

  PSR Datasheet HTML 1Page - Rohm PSR Datasheet HTML 2Page - Rohm PSR Datasheet HTML 3Page - Rohm PSR Datasheet HTML 4Page - Rohm PSR Datasheet HTML 5Page - Rohm PSR Datasheet HTML 6Page - Rohm PSR Datasheet HTML 7Page - Rohm PSR Datasheet HTML 8Page - Rohm PSR Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PSR series
Datasheet
●
Part number description
P S R
4 0 0
I T Q
Part No.
Size (mm [inch])
Resistance
tolerance
Special part code
Nominal resistance
PSR
(Ultra low ohmic metal plate /
high power type shunt resistors)
100(6432 [2512])
C
0.2mΩ
resistance code, 4 digits.
400(10×5.2 [3921])
F
1%
D
0.3mΩ
Tolerance
Resistance
code
500(15×7.75 [5931])
E
0.4mΩ
F
0.5mΩ
F
:
4 digits
Packaging specifications code
H
1.0mΩ
Part No.
Code
Packaging
specifications
Basic ordering
unit (pcs)
J
2.0mΩ
Resistance
Tolerance
L
3.0mΩ
F
PSR100
KTQ
Embossed tape
(8mm Pitch)
5,000
0.2mΩ
0L20
0.3mΩ
0L30
PSR400
ITQ
Embossed tape
(8mm Pitch)
3,000
0.4mΩ
0L40
0.5mΩ
0L50
PSR500
HTQ
Embossed tape
(12mm Pitch)
2,000
1.0mΩ
1L00
2.0mΩ
2L00
3.0.mΩ
3L00
●
Tape dimensions
■
Embossed tape
(Unit : mm)
Part No.
W
F
E
A0
B0
PSR100 12.0±0.2
5.5±0.05
1.75±0.1
3.5±0.1
6.6±0.1
PSR400 16.0±0.2
7.5±0.1
1.75±0.1
5.7±0.2
10.5±0.2
PSR500 24.0±0.2
11.5±0.1
1.75±0.1
8.3±0.2
15.6±0.2
Part No.
D0
P0
P1
P2
K
PSR100 Φ1.5
+0.1
0
4.0±0.1
8.0±0.1
2.0±0.05
1.6±0.1
PSR400 Φ1.5
+0.1
0
4.0±0.1
8.0±0.1
2.0±0.1
2.3±0.1
PSR500 Φ1.5
+0.1
0
4.0±0.1
12.0±0.1
2.0±0.1
2.3±0.1
●
Reel dimensions
(Unit : mm)
Part No.
A
B
C
D
PSR100
Φ330±2.0
Φ100±1.0
13.4±1.0
Φ13.0±0.2
PSR400
17.4±1.0
PSR500
25.4±1.0
www.rohm.com
© 2016 ROHMCo., Ltd. All rights reserved.
5/5
2017.06 - Rev.G



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com