Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSI3439J Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSI3439J
Description  N & P-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSI3439J Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSI3439J Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSI3439J Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSI3439J Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSI3439J Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSI3439J
-Ch: 0.75A, 20V, RDS(O ) 380 m
P-Ch: -0.66A, -20V, RDS(O ) 520 m
& P-Ch Enhancement Mode Power MOSFET
06-Apr-2017 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A Suffix of “-C” specifies halogen & lead-free
DESCRIPTION
SSI3439J is N and P Channel enhancement MOS Field
Effect Transistor. It uses advanced trench technology and
design to provide excellent RDS(ON) with low gate charge.
This device is suitable for the use in DC-DC conversion, load
switch and level shift.
FEATURES
Surface mount package
Low RDS(ON)
ESD-protecting gate
APPLICATIONS
Load/power switching
Interfacing switching
Battery management for Ultra small portable electronics
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-563
3K
7 inch
MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Part Number
Parameter
Symbol
N-Channel
P-Channel
Unit
Drain-Source Voltage
VDS
20
-20
V
Typical Gate-Source Voltage
VGS
±12
V
Continuous Drain Current
1
ID
0.75
-0.66
A
Pulsed Drain Current@ tp=10µs
IDM
1.8
-1.2
A
Thermal Resistance from Junction to Ambient
1
RθJA
833
°C/ W
Lead Temperature for Soldering Purposes
@1/8’’ from case for 10s
TL
260
°C
Junction and Storage Temperature Range
TJ, TSTG
150, -55~150
°C
SOT-563
49K
E
F
J
B
C
D
G
A
H
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.50
1.70
F
0.09
0.16
B
1.50
1.70
G
0.45
0.55
C
0.525
0.60
H
0.17
0.27
D
1.10
1.30
J
0.10
0.30
E
-
0.05


Similar Part No. - SSI3439J

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSI3139J SECOS-SSI3139J Datasheet
317Kb / 3P
Dual P-Ch Enhancement Mode Power MOSFET
SSI318-C SECOS-SSI318-C Datasheet
551Kb / 4P
Dual N-Channel E!HA!CEME!T MODE POWER MOSFET
logo
List of Unclassifed Man...
SSI32F8030 ETC1-SSI32F8030 Datasheet
65Kb / 10P
Programmable Electronic Filter
SSI32R104C-CL ETC-SSI32R104C-CL Datasheet
278Kb / 7P
4-Channel thin film read/write device
SSI32R104C-F ETC-SSI32R104C-F Datasheet
278Kb / 7P
4-Channel thin film read/write device
More results

Similar Description - SSI3439J

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4520H SECOS-SSG4520H Datasheet
1Mb / 6P
N & P-Ch Enhancement Mode Power MOSFET
SSI2007 SECOS-SSI2007 Datasheet
1Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG4510 SECOS-SSG4510 Datasheet
1Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG2601 SECOS-SSG2601_15 Datasheet
733Kb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG4502CE SECOS-SSG4502CE_15 Datasheet
3Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG4510 SECOS-SSG4510_15 Datasheet
1Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG5509A SECOS-SSG5509A_15 Datasheet
1Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SPRD4504-C SECOS-SPRD4504-C Datasheet
429Kb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG4503A-C SECOS-SSG4503A-C Datasheet
631Kb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSPRD6560-C SECOS-SSPRD6560-C Datasheet
593Kb / 7P
N & P-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com