Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSI3439J Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSI3439J
Description  N & P-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSI3439J Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSI3439J Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSI3439J Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSI3439J Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSI3439J Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SSI3439J
-Ch: 0.75A, 20V, RDS(O ) 380 m
P-Ch: -0.66A, -20V, RDS(O ) 520 m
& P-Ch Enhancement Mode Power MOSFET
06-Apr-2017 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Static Characteristics
N-Ch
20
-
-
VGS=0, ID=250µA
Drain-Source Breakdown Voltage
P-Ch
V(BR)DSS
-20
-
-
V
VGS=0, ID= -250µA
N-Ch
-
-
1
VDS=20V, VGS=0
Zero Gate Voltage Drain Current
P-Ch
IDSS
-
-
-1
uA
VDS= -20V, VGS=0
N-Ch
-
-
±20
Gate-Source Leakage Current
P-Ch
IGSS
-
-
±20
µA
VDS=0V, VGS=±10V
N-Ch
0.35
-
1.1
VDS=VGS, ID=250µA
Gate-Threshold Voltage
2
P-Ch
VGS(TH)
-0.35
-
-1.1
V
VDS=VGS, ID= -250µA
N-Ch
-
-
380
VGS=4.5V, ID=0.65A
P-Ch
-
-
520
VGS= -4.5V, ID= -1A
N-Ch
-
-
450
VGS=2.5V, ID=0.55A
P-Ch
-
-
700
VGS= -2.5V, ID= -0.8A
N-Ch
-
-
800
VGS=1.8V, ID=0.45A
Drain-Source On Resistance
2
P-Ch
RDS(ON)
-
950
-
m
VGS= -1.8V, ID= -0.5A
N-Ch
-
1.6
-
VDS=10V, ID=0.8A
Forward Transfer conductance
2
P-Ch
gFS
-
1.2
-
S
VDS= -10V, ID= -0.54A
N-Ch
-
-
1.2
IS=0.15A, VGS=0
Diode Forward Voltage
P-Ch
VSD
-
-
-1.2
V
IS= -0.5A, VGS=0
Dynamic Characteristics
N-Ch
-
79
-
Input Capacitance
P-Ch
CISS
-
113
-
N-Ch
-
13
-
Output Capacitance
P-Ch
COSS
-
15
-
N-Ch
-
9
-
Reverse Transfer Capacitance
P-Ch
CRSS
-
9
-
pF
N-Ch: VDS=16V, VGS=0,
f=1MHz
P-Ch: VDS= -16V, VGS=0,
f=1MHz
Switching Characteristics
3
N-Ch
-
6.7
-
Turn-on Delay Time
P-Ch
Td(ON)
-
9
-
N-Ch
-
4.8
-
Rise Time
P-Ch
Tr
-
5.8
-
N-Ch
-
17.3
-
Turn-off Delay Time
P-Ch
Td(OFF)
-
32.7
-
N-Ch
-
7.4
-
Fall Time
P-Ch
Tf
-
20.3
-
nS
N-Ch:
VDS=10V, VGS=4.5V
ID=0.5A, RGEN=10
P-Ch:
VDS= -10V, VGS= -4.5V
ID= -0.2A, RGEN=10
Notes:
1.
The surface of the device is mounted on a FR4 board using recommended minimum pad size.
2.
Pulse Test: Pulse width=300µs, duty cycle≦2%.
3.
Switching characteristics are independent from the operating junction temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com