Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-DC Datasheet(PDF) 7 Page - IC-Haus GmbH

Part # IC-DC
Description  2-CHANNEL BUCK/BOOST DC/DC CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DC Datasheet(HTML) 7 Page - IC-Haus GmbH

Back Button IC-DC Datasheet HTML 3Page - IC-Haus GmbH IC-DC Datasheet HTML 4Page - IC-Haus GmbH IC-DC Datasheet HTML 5Page - IC-Haus GmbH IC-DC Datasheet HTML 6Page - IC-Haus GmbH IC-DC Datasheet HTML 7Page - IC-Haus GmbH IC-DC Datasheet HTML 8Page - IC-Haus GmbH IC-DC Datasheet HTML 9Page - IC-Haus GmbH IC-DC Datasheet HTML 10Page - IC-Haus GmbH IC-DC Datasheet HTML 11Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
iC-DC
2-CHANNEL BUCK/BOOST DC/DC CONVERTER
Rev B1, Page 7/19
ELECTRICAL CHARACTERISTICS
Operating conditions: VB = +4 V to +36 V, RREF = 20 kΩ ±1 %, Tj = -40°C to +125°C, reference is GND (GNDA = GND),
unless otherwise stated.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Total Device
001 VB
Permissible Supply Voltage
4
36
V
002 I()
Supply Current in VB
ENV1 = lo, ENV2 = lo, standby
20
100
400
µA
003 I()
Supply Current in VB
only one Linear Regulator active,
no load current, no external voltage divider
VB = 24 V
1.5
3
8
mA
VB = 12 V
2.5
5.5
15
mA
VB = 4 V
10
22
60
mA
004 I()
Supply Current in VB
both Linear Regulators active, no load current,
no external voltage divider
VB = 24 V
2
4
10
mA
VB = 12 V
3
7
20
mA
VB = 4 V
12
25
70
mA
007 Ipd()
Pull-Down Current in ENV1,
ENV2
V() = 2...36 V
15
150
µA
009 Vt()hi
Input Threshold Voltage hi at
ENV1, ENV2
2
V
010 Vt()lo
Input Threshold Voltage lo at
ENV1, ENV2
0.8
V
011 Vt()hys
Input Hysteresis at ENV1, ENV2 Vt()hys = Vt()hi − Vt()lo
100
200
400
mV
012 Vc()lo
Clamp Voltage lo at all pins with
exception of VB
versus GND, I() = -10 mA
-1.4
-0.3
V
013 Vc()lo
Clamp Voltage lo at VB
versus GND, I() = -5 mA
-60
-38.5
V
014 Vc()hi
Clamp Voltage hi at VB VBR,
VBL, ENV1, ENV2
versus GND, I() = 2 mA
42
60
V
015 Vc()hi
Clamp Voltage hi at VBROK,
NAUT, TOK, TEST
versus GND, I() = 1 mA
9
18
V
016 Vc()hi
Clamp Voltage hi at VH
versus GND, I() = 5 mA
8.3
18
V
017 Vc()hi
Clamp Voltage hi at VH1, VH2
versus GND, I() = 10 mA
6.2
18
V
018 Vc()hi
Clamp Voltage hi at VCC1,
VCC2, POE1, POE2, CFG1,
CFG2
versus GND, I() = 10 mA
5.6
18
V
019 Vc()hi
Clamp Voltage hi at GNDA,
RREF
versus GND, I() = 10 mA
2.5
18
V
020 Vc()hi
Clamp Voltage hi at V1OK, V2OK V1OK versus VCC1, V2OK versus VCC2,
I() = 2 mA
0.3
1.4
V
021 Vc()hi
Clamp Voltage hi at VHL
versus VH, I() = 10 mA
0.3
1.4
V
Reverse Polarity Protection VB, VBR and Autarky Detection NAUT
101 Vs()hi
Saturation Voltage hi at VBR
Vs(VBR)hi = VB − V(VBR), I(VBR) = -100 mA
0.3
0.7
V
103 Izu()
Maximum Permissible Current hi
from VBR at Startup
V(VBR) = 0...3 V, VB increasing
-5
0
mA
104 Imax()
Maximum Current from VBR
V(VBR) = 2 V...VB − 0.6 V
-600
-80
mA
105 Imax()
Maximum Current from VBR
V(VBR) = 0 V
-250
-10
mA
108 Ir()
Leakage Current from VB at
Autarky
VBR > VB + 50 mV
-0.5
0
mA
109 d(VB,VBR) Voltage Difference for Autarky
VBR versus VB; NAUT = lo
25
12.5
0
mV
110 Ir,max()
Maximum Current from VB
VB < VBR < VB + 50 mV
-10
-4
0
mA
111
Ir()
Reverse Current from VB
-36V < VB < GND
-1
0
mA
112 Vs()lo
Saturation Voltage lo at NAUT
I(NAUT) = 5 mA, NAUT = lo
0.4
V
113 Isc()lo
Short-Circuit Current lo in NAUT V(NAUT) = 2...8 V, NAUT = lo
10
20
mA
114 Ilk()
Leakage Current in NAUT
V(NAUT) = 0...8 V, NAUT = hi
-10
10
µA
Voltage Monitoring VBR and Error Detection VBROK
201 Vt1()hi
Lower Turn-on Threshold VBR
VBR increasing, VBROK: lo → open
3.75
3.95
V
202 Vt1()lo
Lower Turn-off Threshold VBR
VBR decreasing, VBROK: open → lo
2.8
3.15
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com