Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-DC Datasheet(PDF) 14 Page - IC-Haus GmbH

Part # IC-DC
Description  2-CHANNEL BUCK/BOOST DC/DC CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DC Datasheet(HTML) 14 Page - IC-Haus GmbH

Back Button IC-DC Datasheet HTML 10Page - IC-Haus GmbH IC-DC Datasheet HTML 11Page - IC-Haus GmbH IC-DC Datasheet HTML 12Page - IC-Haus GmbH IC-DC Datasheet HTML 13Page - IC-Haus GmbH IC-DC Datasheet HTML 14Page - IC-Haus GmbH IC-DC Datasheet HTML 15Page - IC-Haus GmbH IC-DC Datasheet HTML 16Page - IC-Haus GmbH IC-DC Datasheet HTML 17Page - IC-Haus GmbH IC-DC Datasheet HTML 18Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
iC-DC
2-CHANNEL BUCK/BOOST DC/DC CONVERTER
Rev B1, Page 14/19
REVERSE POLARITY PROTECTION
A protective switch inserted between supply VB and pin
VBR protects the entire system against reverse polarity.
This can also be used to implement an Autarky function
(see AUTARKY FUNCTION). By connecting VB to VBR
the reverse polarity protection circuit can be bridged to
improve the current carrying capacity and the overall
efficiency, especially if low supply voltages are used
(Figure 5).
ENABLE
R2
R3
R4
OUTPUT
SWITCH 2
PROTECT.
SUPPLY
VCC2:
SWITCH 1
VOLTAGE
MONITOR
LIN.-REG.2
CONTROL
THERMAL
SHUTDOWN
BUCK
SUPPLY
SUPPLY
LIN.-REG.1
MONITORING
REFERENCE
BIAS
BOOST
SWITCHING REGULATOR
3.3V/2.5V/R3:R4
R1
OSCILLATOR
iC-DC
ERROR DETECT.
AUTARKY
DETECT.
REVERSE
INTERNAL
CONFIGURATION
VOLTAGE
2
5V/3.3V/R1:R2
VCC1:
1
22μH
LVBH
CVH2
CVH1
3.3μF
3.3μF
CVH
1μF
CVCC2
CVCC1
1μF
3.3μF
2
1
1
1μF
CVB
&
2
20k
RREF
RREF
VCC1,VCC2
TEST
V1OK
V2OK
VCC2
POE2
TOK
VBROK
VH1
VCC1
VCC2
GND
VBR
VBL
VHL
VH
GNDA
VB
CFG1
CFG2
ENV1
ENV2
NAUT
4...36V
1.5...5.5V
1.5...5.5V
VH2
POE1
VCC1
LVBH
22μH
CVCC2
1μF
1μF
CVCC1
CVH2
3.3μF
3.3μF
CVH1
CVH
3.3μF
CVB
1μF
RREF
20k
&
Figure 5: Protection against reverse polarity deacti-
vated, bridges VB to VBR
The reverse polarity protection switch is current lim-
ited to the maximum mean current consumption of the
system (Electrical Characteristics 104). A capacitor
(CVBR) must be connected to pin VBR if higher coil
cut-off currents are to be supplied.
This capacitor should have a value of at least 1 µF at
a supply voltage of VB = 24 V (Figure 6). With very
small supply voltages the value must be greater in or-
der to cater for the higher power consumption during
startup. The voltage at VBR must no longer drop below
the lower shutdown threshold (Electrical Characteristics
202) to ensure safe converter startup. A capacitor of
approx. 10 µF should thus be selected for CVBR at a
supply voltage of VB = 4 V (Figure 7).
VOLTAGE
ENABLE
R2
R3
R4
OUTPUT
SWITCH 2
5V/3.3V/R1:R2
VCC1:
VCC2:
SWITCH 1
VOLTAGE
MONITOR
PROTECT.
SUPPLY
THERMAL
SHUTDOWN
BUCK
SUPPLY
SUPPLY
LIN.-REG.1
LIN.-REG.2
CONTROL
MONITORING
REFERENCE
BIAS
BOOST
SWITCHING REGULATOR
3.3V/2.5V/R3:R4
R1
OSCILLATOR
iC-DC
ERROR DETECT.
AUTARKY
DETECT.
REVERSE
INTERNAL
CONFIGURATION
20k
RREF
1
22μH
LVBH
CVBR
1μF
1μF
CVB
CVH1
3.3μF
3.3μF
CVH
1μF
CVCC2
CVCC1
1μF
3.3μF
CVH2
2
2
1
&
2
RREF
VCC1,VCC2
TEST
V1OK
V2OK
VCC2
POE2
TOK
VBROK
VH1
VCC1
VCC2
GND
24V
1
VBR
VBL
VHL
VH
GNDA
VB
CFG1
CFG2
ENV1
ENV2
NAUT
1.5...5.5V
1.5...5.5V
VH2
POE1
VCC1
LVBH
22μH
RREF
20k
CVCC2
1μF
1μF
CVCC1
CVH2
3.3μF
3.3μF
CVH1
CVH
3.3μF
CVB
1μF
1μF
CVBR
&
Figure 6: Protection against reverse polarity active,
CVBR for VB = 24 V
LIN.-REG.2
CONTROL
MONITORING
REFERENCE
BIAS
BOOST
SWITCHING REGULATOR
3.3V/2.5V/R3:R4
R1
OSCILLATOR
iC-DC
ERROR DETECT.
AUTARKY
DETECT.
REVERSE
INTERNAL
CONFIGURATION
VOLTAGE
ENABLE
R2
R3
R4
OUTPUT
SWITCH 2
5V/3.3V/R1:R2
VCC1:
VCC2:
SWITCH 1
VOLTAGE
MONITOR
PROTECT.
SUPPLY
THERMAL
SHUTDOWN
BUCK
SUPPLY
SUPPLY
LIN.-REG.1
&
1
2
1
CVH2
3.3μF
3.3μF
CVH1
CVH
3.3μF
CVCC2
1μF
1μF
CVCC1
2
2
1
LVBH
22μH
CVB
1μF
10μF
CVBR
RREF
20k
RREF
VCC1,VCC2
TEST
V1OK
V2OK
VCC2
POE2
TOK
VBROK
VH1
VCC1
VCC2
GND
4V
VBR
VBL
VHL
VH
GNDA
VB
CFG1
CFG2
ENV1
ENV2
NAUT
1.5...5.5V
1.5...5.5V
VH2
POE1
VCC1
&
1μF
CVCC2
CVCC1
1μF
3.3μF
CVH2
CVH1
3.3μF
3.3μF
CVH
1μF
CVB
CVBR
10μF
22μH
LVBH
20k
RREF
Figure 7: Protection against reverse polarity active,
CVBR for VB = 4 V
It is possible to use the protective switch at pin VBR
to provide further circuitry with protection against re-
verse polarity (Figure 9, Page 17). Here, it must noted
that the current carrying capacity of the reverse polarity
protection (VBR) is limited on startup. As the device
powers itself from VBR, the load at VBR must not be
too high as otherwise converter operation cannot be
initiated. The current carrying capacity on startup can
be approximately described by Equation 3:
I(VBR) = V(VB) ∗
−
1mA
V
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com