Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80960JF Datasheet(PDF) 12 Page - Intel Corporation

Part # 80960JF
Description  3.3 V EMBEDDED 32-BIT MICROPROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JF Datasheet(HTML) 12 Page - Intel Corporation

Back Button 80960JF Datasheet HTML 8Page - Intel Corporation 80960JF Datasheet HTML 9Page - Intel Corporation 80960JF Datasheet HTML 10Page - Intel Corporation 80960JF Datasheet HTML 11Page - Intel Corporation 80960JF Datasheet HTML 12Page - Intel Corporation 80960JF Datasheet HTML 13Page - Intel Corporation 80960JF Datasheet HTML 14Page - Intel Corporation 80960JF Datasheet HTML 15Page - Intel Corporation 80960JF Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 77 page
background image
80960JA/JF/JD/JT 3.3 V Microprocessor
12
Advance Information Datasheet
2.8
Test Features
The 80960Jx incorporates numerous features which enhance the user’s ability to test both the
processor and the system to which it is attached. These features include ONCE (On-Circuit
Emulation) mode and Boundary Scan (JTAG).
The 80960Jx provides testability features compatible with IEEE Standard Test Access Port and
Boundary Scan Architecture (IEEE Std. 1149.1).
One of the boundary scan instructions, HIGHZ, forces the processor to float all its output pins (ONCE
mode). ONCE mode can also be initiated at reset without using the boundary scan mechanism.
ONCE mode is useful for board-level testing. This feature allows a mounted 80960Jx to
electrically “remove” itself from a circuit board. This allows for system-level testing where a
remote tester — such as an in-circuit emulator — can exercise the processor system.
The provided test logic does not interfere with component or circuit board behavior and ensures
that components function correctly, connections between various components are correct, and
various components interact correctly on the printed circuit board.
The JTAG Boundary Scan feature is an attractive alternative to conventional “bed-of-nails” testing.
It can examine connections which might otherwise be inaccessible to a test system.
2.9
Memory-Mapped Control Registers
The 80960Jx, though compliant with i960 series processor core, has the added advantage of
memory-mapped, internal control registers not found on the i960 Kx, Sx or Cx processors. These
give software the interface to easily read and modify internal control registers.
Each of these registers is accessed as a memory-mapped, 32-bit register. Access is accomplished
through regular memory-format instructions. The processor ensures that these accesses do not
generate external bus cycles.
2.10
Data Types and Memory Addressing Modes
As with all i960 family processors, the 80960Jx instruction set supports several data types and formats:
• Bit
• Bit fields
• Integer (8-, 16-, 32-, 64-bit)
• Ordinal (8-, 16-, 32-, 64-bit unsigned integers)
• Triple word (96 bits)
• Quad word (128 bits)
The 80960Jx provides a full set of addressing modes for C and assembly programming:
• Two Absolute modes
• Five Register Indirect modes
• Index with displacement
• IP with displacement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com