Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80960JF Datasheet(PDF) 44 Page - Intel Corporation

Part # 80960JF
Description  3.3 V EMBEDDED 32-BIT MICROPROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JF Datasheet(HTML) 44 Page - Intel Corporation

Back Button 80960JF Datasheet HTML 40Page - Intel Corporation 80960JF Datasheet HTML 41Page - Intel Corporation 80960JF Datasheet HTML 42Page - Intel Corporation 80960JF Datasheet HTML 43Page - Intel Corporation 80960JF Datasheet HTML 44Page - Intel Corporation 80960JF Datasheet HTML 45Page - Intel Corporation 80960JF Datasheet HTML 46Page - Intel Corporation 80960JF Datasheet HTML 47Page - Intel Corporation 80960JF Datasheet HTML 48Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 77 page
background image
80960JA/JF/JD/JT 3.3 V Microprocessor
44
Advance Information Datasheet
4.7
AC Specifications
The 80960Jx AC timings are based upon device characterization.
Table 23.
80960Jx AC Characteristics (Sheet 1 of 3)
Symbol
Parameter
Min
Max
Unit
Notes
INPUT CLOCK TIMINGS
TF
CLKIN Frequency
80960JT-100
80960JT-75
80960JD-66
80960JD-50
80960JD-40
80960JD-33
80960JA/JF-33
80960JA/JF-25
80960JA/JF-16
15
15
12
12
12
12
12
12
12
33.3
25
33.3
25
20
16.67
33.3
25
16
MHz
TC
CLKIN Period
80960JT-100
80960JT-75
80960JD-66
80960JD-50
80960JD-40
80960JD-33
80960JA/JF-33
80960JA/JF-25
80960JA/JF-16
30
40
30
40
50
60
30
40
62.5
66.7
66.7
83.3
83.3
83.3
83.3
83.3
83.3
83.3
ns
TCS
CLKIN Period Stability
± 250
ps
(1, 2)
TCH
CLKIN High Time
8
ns
Measured at 1.5 V
(1)
TCL
CLKIN Low Time
8
ns
Measured at 1.5 V
(1)
TCR
CLKIN Rise Time
4
ns
0.8 V to 2.0 V (1)
TCF
CLKIN Fall Time
4
ns
2.0 V to 0.8 V (1)
SYNCHRONOUS OUTPUT TIMINGS
TOV1
Output Valid Delay, Except ALE/ALE
Inactive and DT/R for 3.3 V input signals
Same as above, but for 5.5 V input signals
2.5
2.5
13.5
16.5
ns
(3)
TOV2
Output Valid Delay, DT/R
80960JT
80960JD
80960JA/JF
0.5TC + 7
0.5TC + 7
0.5TC + 4
0.5TC + 9
0.5TC + 9
0.5TC + 18
ns
TOF
Output Float Delay
2.5
13.5
ns
(4)
NOTE:
See Table 24 on page 47 for note definitions for this table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com