Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASX1436 Datasheet(PDF) 11 Page - Advanced Semiconductor Business Inc.

Part # ASX1436
Description  Ku Band Power Amplifier MMIC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX1436 Datasheet(HTML) 11 Page - Advanced Semiconductor Business Inc.

Back Button ASX1436 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11/20
ASB Inc.
 sales@asb.co.kr
April 2016
ASX1436
4. Application 2: 13.75
– 14.50 GHz, VDD = +7V, IDD = 1300mA
4.1 Application Circuit
In case of one VGG and one VDD bias applied.
4.2 Biasing Procedure
Make sure no RF power is applied to the device before continuing.
Pinch off device by setting VGG to -1.5 V.
Raise VDD to +7 V while monitoring drain current.
Raise VGG until drain current reaches 1300 mA. VGG should be between -1.5 and -0.5 V.
Apply RF power.
To improve the thermal and RF performance, ASB recommends a heat sinker attached to the
bottom of the package with an Indium alloy preform.
Note 1: The capacitors are recommended on the bias supply line, close to the package, in order to
prevent video oscillations which could damage the module.
Case 1
Case 2
Case 3
Case 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com