Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASX1436 Datasheet(PDF) 14 Page - Advanced Semiconductor Business Inc.

Part # ASX1436
Description  Ku Band Power Amplifier MMIC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX1436 Datasheet(HTML) 14 Page - Advanced Semiconductor Business Inc.

Back Button ASX1436 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 16Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 17Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 18Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14/20
ASB Inc.
 sales@asb.co.kr
April 2016
ASX1436
13.5
13.75
14
14.25
14.5
14.75
15
Frequency (GHz)
16
18
20
22
24
26
28
30
32
34
36
38
40
Pin = +5 dBm
Pin = +0 dBm
Pin = -5 dBm
Pin = -10 dBm
13.5
13.75
14
14.25
14.5
14.75
15
Frequency (GHz)
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
Pin = +5 dBm
Pin = +0 dBm
Pin = -5 dBm
Pin = -10 dBm
-15
-10
-5
0
5
10
15
Input Power (dBm)
16
18
20
22
24
26
28
30
32
34
36
38
40
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
2100
2200
12
14
16
18
20
22
24
26
28
30
32
Output Power / Tone (dBm)
32
34
36
38
40
42
44
46
48
50
Output Power vs. Frequency
VDD = +7 V, IDD = 1300 mA
Power Added Efficiency vs. Frequency
VDD = +7 V, IDD = 1300 mA
Output Power, IDD vs. Input Power
VDD = +7 V, IDD = 1300 mA
Output TOI vs. Output Power / Tone
VDD = +7 V, IDD = 1300 mA,
Δf = 10 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com