Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC3221 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC3221
Description  1.5MHz, Dual 1.5A, Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3221 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC3221 Datasheet HTML 1Page - E-CMOS Corporation EC3221 Datasheet HTML 2Page - E-CMOS Corporation EC3221 Datasheet HTML 3Page - E-CMOS Corporation EC3221 Datasheet HTML 4Page - E-CMOS Corporation EC3221 Datasheet HTML 5Page - E-CMOS Corporation EC3221 Datasheet HTML 6Page - E-CMOS Corporation EC3221 Datasheet HTML 7Page - E-CMOS Corporation EC3221 Datasheet HTML 8Page - E-CMOS Corporation EC3221 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1.5MHz, Dual 1.5A, Synchronous
Step-Down Regulator
EC3221
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 16
3F18N-Rev.P001
Pin Assignments
Figure 2 Pin Configuration of EC3221
Pin Description
Pin Number
Pin Name
Description
7,5
EN1,2
Enable Pin. EN is a digital input that turns the regulator on or off .Drive EN pin
high to turn on the regulator, drive it low to turn it off.
Exposed
paddle
GND
Ground Pin..
2,4
LX1,2
Power Switch Output Pin. SW is the switch node that supplies power to the
output.
1,3
IN1,2
Input pin. Decouple this pin to GND paddle with at least 10uF ceramic cap.
8,6
FB1,2
Feedback Pin. Through an external resistor divider network, FB senses the
output voltage and regulates it. The feedback threshold voltage is 0.6V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com