Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC3221 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC3221
Description  1.5MHz, Dual 1.5A, Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3221 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC3221 Datasheet HTML 1Page - E-CMOS Corporation EC3221 Datasheet HTML 2Page - E-CMOS Corporation EC3221 Datasheet HTML 3Page - E-CMOS Corporation EC3221 Datasheet HTML 4Page - E-CMOS Corporation EC3221 Datasheet HTML 5Page - E-CMOS Corporation EC3221 Datasheet HTML 6Page - E-CMOS Corporation EC3221 Datasheet HTML 7Page - E-CMOS Corporation EC3221 Datasheet HTML 8Page - E-CMOS Corporation EC3221 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1.5MHz, Dual 1.5A, Synchronous
Step-Down Regulator
EC3221
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 16
3F18N-Rev.P001
Ordering Information
Part Number
Package
Marking
Marking Information
EC3221NNMHR
SOP-8
(Exposed PAD)
EC3221
LLLLL
YYWWT
1.
LLLLL:last five number of lot No
2.
YYWW:date code
3.
T:Internal tracking code
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Input Supply Voltage
VIN
-0.3 ~6
V
Feedback Pin Voltage
VFB
VIN+0.6
V
Enable Pin Voltage
VEN
VIN+0.6
V
Power Dissipation
PD
Internally limited
mW
Operating Junction Temperature
TJ
150
℃
Storage Temperature
TSTG
-65 to 150
℃
Lead Temperature (Soldering, 10 sec)
TLED
260
℃
ESD(HBM)
2000
V
MSL
LEVEL 3
Thermal Resistance-Junction to Ambient
RθJA
50
℃/W
Thermal Resistance-Junction to Case
RθJc
10
℃/W
Note1: Stresses greater than those listed under Maximum Ratings may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these or any other conditions above those indicated in the
operation is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com