Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C024 Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # CY7C024
Description  4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C024 Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button CY7C024 Datasheet HTML 12Page - Cypress Semiconductor CY7C024 Datasheet HTML 13Page - Cypress Semiconductor CY7C024 Datasheet HTML 14Page - Cypress Semiconductor CY7C024 Datasheet HTML 15Page - Cypress Semiconductor CY7C024 Datasheet HTML 16Page - Cypress Semiconductor CY7C024 Datasheet HTML 17Page - Cypress Semiconductor CY7C024 Datasheet HTML 18Page - Cypress Semiconductor CY7C024 Datasheet HTML 19Page - Cypress Semiconductor CY7C024 Datasheet HTML 20Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
CY7C024/0241
CY7C025/0251
Document #: 38-06035 Rev. *B
Page 16 of 20
Table 1. Non-Contending Read/Write
Inputs
Outputs
CE
R/W
OE
UB
LB
SEM
I/O0–I/O7
[2]
I/O8–I/O15
[3]
Operation
H
X
X
X
X
H
High Z
High Z
Deselected: Power-Down
X
X
X
H
H
H
High Z
High Z
Deselected: Power-Down
L
L
X
L
H
H
High Z
Data In
Write to Upper Byte Only
L
L
X
H
L
H
Data In
High Z
Write to Lower Byte Only
L
L
X
L
L
H
Data In
Data In
Write to Both Bytes
L
H
L
L
H
H
High Z
Data Out
Read Upper Byte Only
L
H
L
H
L
H
Data Out
High Z
Read Lower Byte Only
L
H
L
L
L
H
Data Out
Data Out
Read Both Bytes
X
X
H
X
X
X
High Z
High Z
Outputs Disabled
H
H
L
X
X
L
Data Out
Data Out
Read Data in Semaphore Flag
X
H
L
H
H
L
Data Out
Data Out
Read Data in Semaphore Flag
H
X
X
X
L
Data In
Data In
Write DIN0 into Semaphore Flag
X
X
H
H
L
Data In
Data In
Write DIN0 into Semaphore Flag
L
X
X
L
X
L
Not Allowed
L
X
X
X
L
L
Not Allowed
Table 2. Interrupt Operation Example (assumes BUSYL=BUSYR=HIGH)
[41]
Left Port
Right Port
Function
R/WL
CEL
OEL
A0L–11L
INTL
R/WR
CER
OER
A0R–11R
INTR
Set Right INTR Flag
L
L
X
(1)FFF
X
X
X
X
X
L[43]
Reset Right INTR Flag
X
X
X
X
X
X
L
L
(1)FFF
H[42]
Set Left INTL Flag
X
X
X
X
L[42]
L
L
X
(1)FFE
X
Reset Left INTL Flag
X
L
L
(1)FFE
H[43]
X
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com