Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB61574 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CDB61574
Description  T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB61574 Datasheet(HTML) 1 Page - Cirrus Logic

  CDB61574 Datasheet HTML 1Page - Cirrus Logic CDB61574 Datasheet HTML 2Page - Cirrus Logic CDB61574 Datasheet HTML 3Page - Cirrus Logic CDB61574 Datasheet HTML 4Page - Cirrus Logic CDB61574 Datasheet HTML 5Page - Cirrus Logic CDB61574 Datasheet HTML 6Page - Cirrus Logic CDB61574 Datasheet HTML 7Page - Cirrus Logic CDB61574 Datasheet HTML 8Page - Cirrus Logic CDB61574 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Features
• Provides Analog Transmission Line
Interface for T1 and E1 Applications
• Drop-in Replacement for CS61574 with
the Following Enhancements:
-
Lower Power Consumption
-
Transmitter Short-Circuit
Current Limiting
-
Greater Transmitter Immunity
to Line Reflections
-
Software Selection Between 75
Ω and
120
Ω E1 Output Options
-
Internally Controlled E1 Pulse Width
-
B8ZS/HDB3/AMI Encoder/Decoder
General Description
The
CS61577
is a drop-in replacement for the
CS61574, and combines the complete analog transmit
and receive line interface for T1 or E1 applications in a
low power, 28-pin device operating from a +5V supply.
The CS61577 supports processor-based or stand-
alone operation and interfaces with industry standard
T1 and E1 framers.
The receiver uses a digital Delay-Locked-Loop which is
continuously calibrated from a crystal reference to pro-
vide excellent stability and jitter tolerance. The receiver
includes a jitter attenuator optimized for minimum delay
in switching and transmission applications. The trans-
mitter
provides
internal
pulse
shaping
to
insure
compliance with T1 and E1 pulse template specifica-
tions.
Applications
• Interfacing Network Equipment such as DACS and
Channel Banks to a DSX-1 Cross Connect
• Building Channel Service Units
ORDERING INFORMATION
CS61577-IP1
28 Pin Plastic DIP
CS61577-IL1
28 Pin Plastic PLCC
MAY ’96
DS155PP2
1
Crystal Semiconductor Corporation
P. O. Box 17847, Austin, Texas, 78760
(512) 445-7222
FAX:(512) 445-7581
T1/E1 Line Interface
TTIP
TCLK
7
RRING
RTIP
TRING
TGND
14
CONTROL
LINE RECEIVER
LINE DRIVER
15
3
2
6
4
RCLK
8
27
LLOOP
(SCLK)
25
24
(INT)
LEN0
(SDI)
LEN1
(SDO)
LEN2
28
23
(CLKE)
TAOS
5
MODE
TPOS
[TDATA]
RPOS
[RDATA]
RNEG
[BPV]
TNEG
[TCODE]
MTIP
[RCODE]
DPM
[AIS]
LOS
12
21
RV+
22
RGND
13
19
20
17
11
18
16
MRING
[PCS]
XTALIN
9
XTALOUT
10
ACLKI
1
( ) = Pin Function in
Host Mode
[ ] = Pin Function in
Extended Hardware Mode
26
RLOOP
(CS)
R
E
M
O
T
E
L
O
O
P
B
A
C
K
AMI,
B8ZS,
HDB3,
CODER
JITTER
ATTENUATOR
PULSE
SHAPER
CLOCK &
DATA
RECOVERY
SIGNAL
QUALITY
MONITOR
DRIVER
MONITOR
TV+
L
O
C
A
L
L
O
O
P
B
A
C
K
Copyright
© Crystal Semiconductor Corporation 1996
(All Rights Reserved)
CS61577
This document contains information for a new product. Crystal
Semiconductor reserves the right to modify this product without notice.
Preliminary Product Information


Similar Part No. - CDB61574

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB61581 CIRRUS-CDB61581 Datasheet
740Kb / 16P
Universal Line Interface Unit
CDB61584A CIRRUS-CDB61584A Datasheet
211Kb / 12P
Dual Line Interface Unit
More results

Similar Description - CDB61574

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61535A CIRRUS-CS61535A Datasheet
664Kb / 48P
T1/E1 LINE INTERFACE
CS61574A CIRRUS-CS61574A Datasheet
651Kb / 44P
T1/E1 LINE INTERFACE
logo
List of Unclassifed Man...
CS61577-IL1 ETC-CS61577-IL1 Datasheet
632Kb / 44P
T1/E1 LINE INTERFACE
logo
Cirrus Logic
CS61304A CIRRUS-CS61304A Datasheet
354Kb / 32P
T1/E1 Line Interface
CS61305A CIRRUS-CS61305A Datasheet
631Kb / 44P
T1/E1 LINE INTERFACE
CS61584A CIRRUS-CS61584A Datasheet
1,010Kb / 54P
DUAL T1/E1 LINE INTERFACE
CS61535A CIRRUS-CS61535A_09 Datasheet
415Kb / 36P
T1/E1 Line Interface
CS61574A CIRRUS-CS61574A_09 Datasheet
463Kb / 34P
T1/E1 Line Interface
CS61577 CIRRUS-CS61577_09 Datasheet
438Kb / 30P
T1/E1 Line Interface
logo
Allied Components Inter...
ATE-4207I ALLIED-ATE-4207I Datasheet
317Kb / 1P
T1/E1/CEPT Line Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com