Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB61574 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CDB61574
Description  T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB61574 Datasheet(HTML) 5 Page - Cirrus Logic

  CDB61574 Datasheet HTML 1Page - Cirrus Logic CDB61574 Datasheet HTML 2Page - Cirrus Logic CDB61574 Datasheet HTML 3Page - Cirrus Logic CDB61574 Datasheet HTML 4Page - Cirrus Logic CDB61574 Datasheet HTML 5Page - Cirrus Logic CDB61574 Datasheet HTML 6Page - Cirrus Logic CDB61574 Datasheet HTML 7Page - Cirrus Logic CDB61574 Datasheet HTML 8Page - Cirrus Logic CDB61574 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
E1 SWITCHING CHARACTERISTICS (TA = -40
°C to 85°C; TV+, RV+ = 5.0V ±5%;
GND = 0V; Inputs: Logic 0 = 0V, Logic 1 = RV+; See Figures 1, 2, & 3)
Parameter
Symbol
Min
Typ
Max
Units
Crystal Frequency
(Note 25)
fc
-
8.192000
-
MHz
TCLK Frequency
ftclk
-2.048
-
MHz
TCLK Duty Cycle for LEN2/1/0 = 0/0/0
(Note 32)
tpwh2/tpw2
40
50
60
%
ACLKI Frequency
(Note 26)
faclki
-2.048
-
MHz
RCLK Duty Cycle
(Note 27)
tpwh1/tpw1
45
50
55
%
Rise Time, All Digital Outputs
(Note 28)
tr
-
-
85
ns
Fall Time, All Digital Outputs
(Note 28)
tf
-
-
85
ns
TPOS/TNEG (TDATA) to TCLK Falling Setup Time
tsu2
25
-
-
ns
TCLK Falling to TPOS/TNEG (TDATA) Hold Time
th2
25
-
-
ns
RPOS/RNEG Valid Before RCLK Falling
(Note 29)
tsu1
100
194
-
ns
RDATA Valid Before RCLK Falling
(Note 30)
tsu1
100
194
-
ns
RPOS/RNEG Valid Before RCLK Rising
(Note 31)
tsu1
100
194
-
ns
RPOS/RNEG Valid After RCLK Falling
(Note 29)
th1
100
194
-
ns
RDATA Valid After RCLK Falling
(Note 30)
th1
100
194
-
ns
RPOS/RNEG Valid After RCLK Rising
(Note 31)
th1
100
194
-
ns
T1 SWITCHING CHARACTERISTICS (TA = -40
°C to 85°C; TV+, RV+ = 5.0V ±5%;
GND = 0V; Inputs: Logic 0 = 0V, Logic 1 = RV+; See Figures 1, 2, & 3)
Parameter
Symbol
Min
Typ
Max
Units
Crystal Frequency
(Note 25)
fc
-
6.176000
-
MHz
TCLK Frequency
ftclk
-1.544
-
MHz
ACLKI Frequency
(Note 26)
faclki
-1.544
-
MHz
RCLK Duty Cycle
(Note 27)
tpwh1/tpw1
45
50
55
%
Rise Time, All Digital Outputs
(Note 28)
tr
-
-
85
ns
Fall Time, All Digital Outputs
(Note 28)
tf
-
-
85
ns
TPOS/TNEG (TDATA) to TCLK Falling Setup Time
tsu2
25
-
-
ns
TCLK Falling to TPOS/TNEG (TDATA) Hold Time
th2
25
-
-
ns
RPOS/RNEG Valid Before RCLK Falling
(Note 29)
tsu1
150
274
-
ns
RDATA Valid Before RCLK Falling
(Note 30)
tsu1
150
274
-
ns
RPOS/RNEG Valid Before RCLK Rising
(Note 31)
tsu1
150
274
-
ns
RPOS/RNEG Valid After RCLK Falling
(Note 29)
th1
150
274
-
ns
RDATA Valid After RCLK Falling
(Note 30)
th1
150
274
-
ns
RPOS/RNEG Valid After RCLK Rising
(Note 31)
th1
150
274
-
ns
Notes: 25. Crystal must meet specifications described in CXT6176/CXT8192 data sheet.
26. ACLKI provided by an external source or TCLK.
27. RCLK duty cycle will be 62.5% or 37.5% when jitter attenuator limits are reached.
28. At max load of 1.6 mA and 50 pF.
29. Host Mode (CLKE = 1).
30. Extended Hardware Mode.
31. Hardware Mode, or Host Mode (CLKE = 0)
32. The transmitted pulse width does not depend on the TCLK duty cycle.
CS61577
DS155PP2
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com