Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRP3510 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # DRP3510
Description  Digital Receiver Front-end
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DRP3510 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button DRP3510 Datasheet HTML 10Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 11Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 12Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 13Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 14Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 15Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 16Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 17Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
DRX 3960A
ADVANCE INFORMATION
14
Micronas
4.1.4. Proposals for General DRX 3960A I2C Telegrams
4.1.4.1. Symbols
daw
write device address (82hex, 86hex or 8Ahex)
dar
read device address (83hex, 87hex or 8Bhex)
<
Start Condition
>
Stop Condition
aa
Address Byte
dd
Data Byte
4.1.4.2. Write Telegrams
<daw 00 d0 00>
write to CONTROL register
<daw 10 aa aa dd dd>
write data into DRX
4.1.4.3. Read Telegrams
<daw 11 aa aa <dar dd dd>
read data from DRX
4.2. List of Control Registers
Table 4–5: List of Control Registers
Write Register
Address
(hex)
Bits
Description
Reset
(hex)
I2C Subaddress = 03hex ; Register is not readable.
Output ports
no
[5:0]
Output level of Ports
0
I2C Subaddress = 10hex ; Register are not readable.
Standard select
00 20
[11:0]
Transmission standard
01 03
Level settings
10 01
[9:0]
[VID_PEAK, SIF_REF, VID_AMP]
Reference divider
10 10
[8:0]
[for 4 MHz, 13 MHz, 20.25 MHz, 27 MHz or other
REF_SW = high
REF_SW = low]
10D
0CA
Tuner take over point
10 12
[3:0]
[0 dB ... 20 dB]
3
Equalizer Coe. 0
10 70
[9:0]
Equalizer coefficient
025
Equalizer Coe. 1
10 71
[8:0]
Equalizer coefficient
197
Equalizer Coe. 2
10 72
[8:0]
Equalizer coefficient
0C5
Equalizer Coe. 3
10 73
[8:0]
Equalizer coefficient
12E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com