Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRP3510 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # DRP3510
Description  Digital Receiver Front-end
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DRP3510 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button DRP3510 Datasheet HTML 15Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 16Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 17Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 18Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 19Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 20Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 21Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 22Page - List of Unclassifed Manufacturers DRP3510 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
ADVANCE INFORMATION
DRX 3960A
Micronas
19
5. Specifications
5.1. Outline Dimensions
Fig. 5–1:
44-Pin Plastic Metric Quad Flat Pack
(PMQFP44)
Weight approximately 0.4 g
Dimensions in mm
5.2. Pin Connections and Short Descriptions
NC = not connected, leave vacant
LV = if not used, leave vacant
DVSS = if not used, connect to DVSS
X = obligatory; connect as described in circuit diagram
AHVSS = connect to AHVSS
SPGS706000-5(P44)/1E
34
44
1
11
12
22
23
33
0.1
0.8
13.2
0.2
±
0.17
0.06
±
2.15
0.2
±
2.0
0.1
±
10
0.1
±
10 x 0.8 = 8
0.1
±
Pin No.
Pin Name
Type
Supply
Voltage
Connection
Short Description
(If not used)
1
AVSS_ADC
X
Analog ground for ADC
2
AVDD_ADC
X
Analog supply for ADC (+5 V)
3
ANATSTX
I/O
AVDD_FE8
GND
Test pin
4
ANATSTY
I/O
AVDD_FE8
GND
Test pin
5
AVDD_FE8
X
2nd analog supply for the front-end
6
AVSS_FE8
X
2nd analog ground for the front-end
7
AVSS_FE40
X
1st analog ground for the front-end
8
IFINX
IN
AVDD_FE40
X
IF input
9
AVDD_FE40
X
1st analog supply for the front-end (+5 V)
10
IFINY
IN
AVDD_FE40
X
IF input
11
AVSS_FE40
X
1st analog ground for the front-end
12
AVDD_SYN
X
Analog supply for synthesizer (+5 V)
13
AVSS_SYN
X
Analog ground for synthesizer
14
SHIELD
IN
X
Shield GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com