Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC25C64 Datasheet(PDF) 13 Page - E-CMOS Corporation

Part # EC25C64
Description  64Kbits SPI Serial EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC25C64 Datasheet(HTML) 13 Page - E-CMOS Corporation

Back Button EC25C64 Datasheet HTML 8Page - E-CMOS Corporation EC25C64 Datasheet HTML 9Page - E-CMOS Corporation EC25C64 Datasheet HTML 10Page - E-CMOS Corporation EC25C64 Datasheet HTML 11Page - E-CMOS Corporation EC25C64 Datasheet HTML 12Page - E-CMOS Corporation EC25C64 Datasheet HTML 13Page - E-CMOS Corporation EC25C64 Datasheet HTML 14Page - E-CMOS Corporation EC25C64 Datasheet HTML 15Page - E-CMOS Corporation EC25C64 Datasheet HTML 16Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 13 of 16
5B11N-Rev.F001
EC25C64
64Kbits SPI Serial EEPROM
AC Electrical Characteristic
Industrial: TA =
–40°C to +85°C, Supply voltage = 1.7V to 5.5V
Notes:
[1] The parameters are characterized but not 100% tested.
[2] CL = 30pF (typical)
Symbol
Parameter[1]
1.7VVCC<2.5V
2.5VVCC<4.5V
4.5VVCC5.5V
Unit
Min.
Max.
Min.
Max.
Min.
Max.
FSCK
SCK Clock Frequency
0
5
0
10
0
20
MHz
TRI
Input Rise Time
—
1
—
1
—
1
μs
TFI
Input Fall Time
—
1
—
1
—
1
μs
TWH
SCK High Time
80
—
40
—
20
—
ns
TWL
SCK Low Time
80
—
40
—
20
—
ns
TCS
CS High Time
100
—
50
—
25
—
ns
TCSS
CS Setup Time
100
—
50
—
25
—
ns
TCSH
CS Hold Time
100
—
50
—
25
—
ns
TSU
Data In Setup Time
20
—
10
—
5
—
ns
TH
Data In Hold Time
20
—
10
—
5
—
ns
THD
HOLD Setup Time
20
—
10
—
5
—
ns
TCD
HOLD Hold Time
20
—
10
—
5
—
ns
[2]
TV
Output Valid
0
80
0
40
0
20
ns
THO
Output Hold Time
0
—
0
—
0
—
ns
TLZ
HOLDto Output Low Z
0
80
0
40
0
25
ns
THZ
HOLDto Output High Z
—
80
—
40
—
40
ns
TDIS
Output Disable Time
—
80
—
40
—
40
ns
TWC
Write Cycle Time
—
5
—
5
—
5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com