Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC25C64 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC25C64
Description  64Kbits SPI Serial EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC25C64 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC25C64 Datasheet HTML 1Page - E-CMOS Corporation EC25C64 Datasheet HTML 2Page - E-CMOS Corporation EC25C64 Datasheet HTML 3Page - E-CMOS Corporation EC25C64 Datasheet HTML 4Page - E-CMOS Corporation EC25C64 Datasheet HTML 5Page - E-CMOS Corporation EC25C64 Datasheet HTML 6Page - E-CMOS Corporation EC25C64 Datasheet HTML 7Page - E-CMOS Corporation EC25C64 Datasheet HTML 8Page - E-CMOS Corporation EC25C64 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 16
5B11N-Rev.F001
EC25C64
64Kbits SPI Serial EEPROM
Features
Ordering Information & Marking Information
EC25C
XXN XX X X
Serial Peripheral Interface (SPI) Compatible
—Supports Mode 0 (0,0) and Mode 3 (1,1)
Wide-voltage Operation
—VCC = 1.7V to 5.5V
Low power CMOS
—Standby current: ≤1 μA (1.7V)
—Operating current: ≤3 mA (1.7V)
Operating frequency: 20 MHz (5.5V)
Memory organization: 64Kb (8,192 x 8)
Byte and Page write (up to 32 bytes)
—Partial page write allowed
 Block Write Protection
— Protect 1/4, 1/2, or Entire Array
 Self timed write cycle: 5 ms (max.)
 Additional Write lockable Page (Identification
page)
 High-reliability
— Endurance: 1 million cycles
— Data retention: 100 years
 Industrial temperature grade
 Packages (8-pin): SOP, TSSOP and DFN
 Lead-free, RoHS, Halogen free, Green
Package type
Part Number
Marking
Marking Information
SOP-8
EC25C64NM1GR
25C64
LLLLL
YYWWT
25C64:Part No
LLLLL:the last five numbers of wafer lot number
YYWW:Date Code.
T :Internal tracking Code
TSSOP-8
EC25C64NE1GR
25C64
LLLLL
YYWWT
DFN-8
EC25C64NF2GR
5C64
LLLT
5C64:Part No
LLL:the last three numbers of wafer lot number
T:Internal tracking Code
Device Function
64=64Kbit
(8,192×8)
R:Tape & Reel
G:Green
M1:SOP-8
E1:TSSOP-8
F2:DFN-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com