Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC3201S Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC3201S
Description  1A, 1.5MHz, Synchronous Step Down DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3201S Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC3201S Datasheet HTML 1Page - E-CMOS Corporation EC3201S Datasheet HTML 2Page - E-CMOS Corporation EC3201S Datasheet HTML 3Page - E-CMOS Corporation EC3201S Datasheet HTML 4Page - E-CMOS Corporation EC3201S Datasheet HTML 5Page - E-CMOS Corporation EC3201S Datasheet HTML 6Page - E-CMOS Corporation EC3201S Datasheet HTML 7Page - E-CMOS Corporation EC3201S Datasheet HTML 8Page - E-CMOS Corporation EC3201S Datasheet HTML 9Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
EC3201S
1A, 1.5MHz, Synchronous
Step Down DC/DC Converter
E-CMOS Corp. (www.ecmos.com.tw)
5E12N-Rev. F001
1/9
..
General Description
EC3201S is a high efficiency step down DC/DC converter operated with current mode and constant frequency.
The internal switch and synchronous rectifier are integrated for high efficiency. External Schottky diodes are not
required. The supply current is only 110µA during operation and drops to less than 1µA in shutdown. EC3201S
can supply 1A of load current from 2.5V to 5.5V supply voltage.
The switching frequency is set at 1.5MHz, allowing the use of small surface mount inductors and capacitors. It
can run 100% duty cycle for low dropout application. The output voltage of EC3201S is adjustable from the FB
pin. EC3201S is RoHS compliant and Lead (Pb) Free.
Features
1A output current
Current mode operation
High efficiency up to 95%
Shutdown current < 1µA
2.5V to 5.5V supply voltage
Over temperature protection
Constant frequency operation
Full duty ratio, 0
– 100% in dropout
RoHS Compliant and Lead (Pb) Free
Applications
Cellular phones
PDAs and smart phones
MP3 players
Digital still cameras
Slim-type DVD
Wireless and DSL card
Microprocessors and DSP core supplies
Portable instruments
Pin Assignments
1
2
3
5
4
FB
SW
GND
EN
Vin
Top View
TSOT23-5L
GND
EN
SW
Top View
TDFN 2x2-6L
NC
Vin
FB
1
2
3
6
5
4


Similar Part No. - EC3201S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EC3201C SANYO-EC3201C Datasheet
35Kb / 4P
Low-Frequency General-Purpose Amplifier Applications
More results

Similar Description - EC3201S

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AUR9705 BCDSEMI-AUR9705 Datasheet
580Kb / 14P
1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
AUR9713 BCDSEMI-AUR9713 Datasheet
768Kb / 14P
1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
Analog Microelectronics
AME5250A AME-AME5250A Datasheet
409Kb / 22P
1A, 1.5MHz Synchronous Step-Down Converter
logo
BCD Semiconductor Manuf...
AP3410 BCDSEMI-AP3410 Datasheet
778Kb / 11P
1.5MHz Synchronous Step-down DC-DC Converter
AP3410B BCDSEMI-AP3410B Datasheet
545Kb / 12P
1.5MHz Synchronous Step-down DC-DC Converter
logo
Diodes Incorporated
AP3401 DIODES-AP3401 Datasheet
933Kb / 11P
1.5MHZ, 1A STEP-DOWN DC - DC BUCK CONVERTER
Rev 2
AP3428 DIODES-AP3428 Datasheet
1,019Kb / 13P
1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
Rev 2
AP3427M DIODES-AP3427M Datasheet
621Kb / 9P
DUAL 1A, 1.5MHz SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
Rev 1
AP3428 DIODES-AP3428_V01 Datasheet
1Mb / 14P
1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
Rev. 5 - 2 May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com