Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC3201S Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC3201S
Description  1A, 1.5MHz, Synchronous Step Down DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3201S Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC3201S Datasheet HTML 1Page - E-CMOS Corporation EC3201S Datasheet HTML 2Page - E-CMOS Corporation EC3201S Datasheet HTML 3Page - E-CMOS Corporation EC3201S Datasheet HTML 4Page - E-CMOS Corporation EC3201S Datasheet HTML 5Page - E-CMOS Corporation EC3201S Datasheet HTML 6Page - E-CMOS Corporation EC3201S Datasheet HTML 7Page - E-CMOS Corporation EC3201S Datasheet HTML 8Page - E-CMOS Corporation EC3201S Datasheet HTML 9Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
EC3201S
1A, 1.5MHz, Synchronous
Step Down DC/DC Converter
E-CMOS Corp. (www.ecmos.com.tw)
5E12N-Rev. F001
4/9
Electrical Characteristics
(Vin = 5V, Vout= 1.8V, L = 2.2uH, Cout = 10uF, TA = 25°C, unless otherwise specified)
PARAMETER
Symbol
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
Vin
2.5
5.5
V
Output Voltage Line Regulation
∆Vout
Vin = 2.5V to 5.5V
−3
3
%V
Output Voltage Load Regulation
VLR
−3
3
%
Reference Voltage
VREF
For adjustable Vout
0.588
0.6
0.612
V
Output Range (Adjustable Voltage)
Vout
Vin = 2.5V to 5.5V
−3
+3
%
Shutdown Current
IS
VEN = 0V
0.1
1
µA
Quiescent Current
IQ
VEN = Vin,
VFB = VREF × 1.1
No Switching
110
µA
SW Leakage Current
ILEAK
VEN = 0V,
VSW = 0V or Vin
−1
1
µA
PMOSFET On Resistance*
RDSONP
ISW = 100mA
250
mΩ
NMOSFET On Resistance*
RDSONN
ISW = −100mA
200
mΩ
PMOSFET Current Limit*
ILIM
Duty cycle = 100%
Current Pulse Width <
1ms
2
A
Oscillator Frequency
FOSC
1.2
1.5
1.8
MHz
Thermal Shutdown Threshold*
TS
160
°C
EN High Level Input Voltage
VENH
−40°C ≤ TA ≤ 85°C
1.5
V
EN Low Level Input Voltage
VENL
−40°C ≤ TA ≤ 85°C
0.4
V
EN Input Current
IEN
VEN = 0V to Vin
−1
1
µA
* Guaranteed by design not for test.
Note 1: Stresses beyond those listed “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may affect
device reliability.
Note 2: θJA is measured in the natural convection at TA = 25°C on a low effective single layer thermal conductivity test
board of JEDEC 51-3 thermal measurement standard. Pin 2 of TSOT23-5 packages is the case position for θJC measurement.
Measured at the exposed pad of the package.
Note 3: The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com