Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA181 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA181
Description  INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA181 Datasheet(HTML) 2 Page - Texas Instruments

  INA181 Datasheet HTML 1Page - Texas Instruments INA181 Datasheet HTML 2Page - Texas Instruments INA181 Datasheet HTML 3Page - Texas Instruments INA181 Datasheet HTML 4Page - Texas Instruments INA181 Datasheet HTML 5Page - Texas Instruments INA181 Datasheet HTML 6Page - Texas Instruments INA181 Datasheet HTML 7Page - Texas Instruments INA181 Datasheet HTML 8Page - Texas Instruments INA181 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
2
INA181, INA2181
SBOS793A – APRIL 2017 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: INA181 INA2181
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configurations and Functions ....................... 3
7
Specifications......................................................... 5
7.1
Absolute Maximum Ratings ..................................... 5
7.2
ESD Ratings.............................................................. 5
7.3
Recommended Operating Conditions ....................... 5
7.4
Thermal Information .................................................. 5
7.5
Electrical Characteristics........................................... 6
7.6
Typical Characteristics .............................................. 7
8
Detailed Description ............................................ 13
8.1
Overview ................................................................. 13
8.2
Functional Block Diagrams ..................................... 13
8.3
Feature Description................................................. 14
8.4
Device Functional Modes........................................ 16
9
Application and Implementation ........................ 19
9.1
Application Information............................................ 19
9.2
Typical Application .................................................. 23
10
Power Supply Recommendations ..................... 25
10.1
Common-Mode Transients Greater Than 26 V .... 25
11
Layout................................................................... 26
11.1
Layout Guidelines ................................................. 26
11.2
Layout Example .................................................... 26
12
Device and Documentation Support ................. 27
12.1
Documentation Support ........................................ 27
12.2
Related Links ........................................................ 27
12.3
Receiving Notification of Documentation Updates 27
12.4
Community Resources.......................................... 27
12.5
Trademarks ........................................................... 27
12.6
Electrostatic Discharge Caution ............................ 27
12.7
Glossary ................................................................ 27
13
Mechanical, Packaging, and Orderable
Information ........................................................... 27
4 Revision History
Changes from Original (April 2017) to Revision A
Page
•
Added INA2181 device and associated content to data sheet............................................................................................... 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com