Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA181 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # INA181
Description  INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA181 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA181 Datasheet HTML 17Page - Texas Instruments INA181 Datasheet HTML 18Page - Texas Instruments INA181 Datasheet HTML 19Page - Texas Instruments INA181 Datasheet HTML 20Page - Texas Instruments INA181 Datasheet HTML 21Page - Texas Instruments INA181 Datasheet HTML 22Page - Texas Instruments INA181 Datasheet HTML 23Page - Texas Instruments INA181 Datasheet HTML 24Page - Texas Instruments INA181 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
INT
F
INT
F
INT
1250 R
Gain Error Factor
(1250 R ) (1250 R
) (R
R
)
u
u
u
u
VREF
VOUT
VS
2.7 V to 5.5 V
Bias
IN±
IN+
VS
REF
OUT
INA181
Copyright © 2017, Texas Instruments Incorporated
RF < 10
RINT
CF
RF < 10
RINT
+
±
Bus Voltage
±0.2 V to +26 V
RSENSE
Load
21
INA181, INA2181
www.ti.com
SBOS793A – APRIL 2017 – REVISED AUGUST 2017
Product Folder Links: INA181 INA2181
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Application Information (continued)
9.1.3 Signal Filtering
Provided that the INAx181 output is connected to a high impedance input, the best location to filter is at the
device output using a simple RC network from OUT to GND. Filtering at the output attenuates high-frequency
disturbances in the common-mode voltage, differential input signal, and INAx181 power-supply voltage. If filtering
at the output is not possible, or filtering of only the differential input signal is required, it is possible to apply a
filter at the input pins of the device. Figure 42 provides an example of how a filter can be used on the input pins
of the device.
Figure 42. Filter at Input Pins
The addition of external series resistance creates an additional error in the measurement; therefore, the value of
these series resistors must be kept to 10 Ω (or less, if possible) to reduce impact to accuracy. The internal bias
network shown in Figure 42 present at the input pins creates a mismatch in input bias currents when a
differential voltage is applied between the input pins. If additional external series filter resistors are added to the
circuit, the mismatch in bias currents results in a mismatch of voltage drops across the filter resistors. This
mismatch creates a differential error voltage that subtracts from the voltage developed across the shunt resistor.
This error results in a voltage at the device input pins that is different than the voltage developed across the
shunt resistor. Without the additional series resistance, the mismatch in input bias currents has little effect on
device operation. The amount of error these external filter resistors add to the measurement can be calculated
using Equation 6, where the gain error factor is calculated using Equation 5.
The amount of variance in the differential voltage present at the device input relative to the voltage developed at
the shunt resistor is based both on the external series resistance (RF) value as well as internal input resistor RINT,
as shown in Figure 42. The reduction of the shunt voltage reaching the device input pins appears as a gain error
when comparing the output voltage relative to the voltage across the shunt resistor. A factor can be calculated to
determine the amount of gain error that is introduced by the addition of external series resistance. Calculate the
expected deviation from the shunt voltage to what is measured at the device input pins is given using Equation 5:
where:
•
RINT is the internal input resistor.
•
RF is the external series resistance.
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com