Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA180B2IDBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA180B2IDBVT
Description  INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA180B2IDBVT Datasheet(HTML) 2 Page - Texas Instruments

  INA180B2IDBVT Datasheet HTML 1Page - Texas Instruments INA180B2IDBVT Datasheet HTML 2Page - Texas Instruments INA180B2IDBVT Datasheet HTML 3Page - Texas Instruments INA180B2IDBVT Datasheet HTML 4Page - Texas Instruments INA180B2IDBVT Datasheet HTML 5Page - Texas Instruments INA180B2IDBVT Datasheet HTML 6Page - Texas Instruments INA180B2IDBVT Datasheet HTML 7Page - Texas Instruments INA180B2IDBVT Datasheet HTML 8Page - Texas Instruments INA180B2IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
INA180, INA2180
SBOS741A – APRIL 2017 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: INA180 INA2180
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configurations and Functions ....................... 3
7
Specifications......................................................... 5
7.1
Absolute Maximum Ratings ..................................... 5
7.2
ESD Ratings.............................................................. 5
7.3
Recommended Operating Conditions ....................... 5
7.4
Thermal Information .................................................. 5
7.5
Electrical Characteristics........................................... 6
7.6
Typical Characteristics .............................................. 7
8
Detailed Description ............................................ 13
8.1
Overview ................................................................. 13
8.2
Functional Block Diagrams ..................................... 13
8.3
Feature Description................................................. 14
8.4
Device Functional Modes........................................ 15
9
Application and Implementation ........................ 17
9.1
Application Information............................................ 17
9.2
Typical Application .................................................. 21
10
Power Supply Recommendations ..................... 23
10.1
Common-Mode Transients Greater Than 26 V .... 23
11
Layout................................................................... 24
11.1
Layout Guidelines ................................................. 24
11.2
Layout Example .................................................... 24
12
Device and Documentation Support ................. 25
12.1
Documentation Support ........................................ 25
12.2
Related Links ........................................................ 25
12.3
Receiving Notification of Documentation Updates 25
12.4
Community Resources.......................................... 25
12.5
Trademarks ........................................................... 25
12.6
Electrostatic Discharge Caution ............................ 25
12.7
Glossary ................................................................ 25
13
Mechanical, Packaging, and Orderable
Information ........................................................... 25
4 Revision History
Changes from Original (April 2017) to Revision A
Page
•
Added INA2180 device and associated content to data sheet............................................................................................... 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com