Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA180B2IDBVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA180B2IDBVT
Description  INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA180B2IDBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA180B2IDBVT Datasheet HTML 9Page - Texas Instruments INA180B2IDBVT Datasheet HTML 10Page - Texas Instruments INA180B2IDBVT Datasheet HTML 11Page - Texas Instruments INA180B2IDBVT Datasheet HTML 12Page - Texas Instruments INA180B2IDBVT Datasheet HTML 13Page - Texas Instruments INA180B2IDBVT Datasheet HTML 14Page - Texas Instruments INA180B2IDBVT Datasheet HTML 15Page - Texas Instruments INA180B2IDBVT Datasheet HTML 16Page - Texas Instruments INA180B2IDBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
IN2±
IN2+
VS
OUT2
IN1±
IN1+
OUT1
+
±
GND
+
±
Copyright © 2017, Texas Instruments Incorporated
INA2180
IN±
IN+
GND
VS
OUT
INA180
+
±
Copyright © 2017, Texas Instruments Incorporated
13
INA180, INA2180
www.ti.com
SBOS741A – APRIL 2017 – REVISED AUGUST 2017
Product Folder Links: INA180 INA2180
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The INA180 and INA2180 (INAx180) are 26-V, common-mode, current-sensing amplifiers used in both low-side
and high-side configurations. These specially-designed, current-sensing amplifiers accurately measures voltages
developed across current-sensing resistors on common-mode voltages that far exceed the supply voltage
powering the device. Current can be measured on input voltage rails as high as 26 V, and the devices can be
powered from supply voltages as low as 2.7 V.
8.2 Functional Block Diagrams
Figure 34. INA180 Functional Block Diagram
Figure 35. INA2180 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com