Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5755MDFD Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5755MDFD
Description  2 x 50-W or 2 x 19-W1 x 50-W Digital Input Audio Amplifier With Equalizer, 2- Band DRC, And License-Free 3D Effect
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5755MDFD Datasheet(HTML) 35 Page - Texas Instruments

Back Button TAS5755MDFD Datasheet HTML 31Page - Texas Instruments TAS5755MDFD Datasheet HTML 32Page - Texas Instruments TAS5755MDFD Datasheet HTML 33Page - Texas Instruments TAS5755MDFD Datasheet HTML 34Page - Texas Instruments TAS5755MDFD Datasheet HTML 35Page - Texas Instruments TAS5755MDFD Datasheet HTML 36Page - Texas Instruments TAS5755MDFD Datasheet HTML 37Page - Texas Instruments TAS5755MDFD Datasheet HTML 38Page - Texas Instruments TAS5755MDFD Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 76 page
background image
35
TAS5755M
www.ti.com
SLOS982 – AUGUST 2017
Product Folder Links: TAS5755M
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Device Functional Modes (continued)
Figure 58. Pre-Filter PBTL
On the input side of the TAS5755M device, the input signal to the mono amplifier can be selected from a mix, left
or right frame from an I2S, LJ, or RJ signal. The routing of the audio data which is presented on the SPK_OUTx
outputs must be configured with the PWM Output Mux Register (0x25).
Refer to the Mono Parallel Bridge Tied Load Application section for more details of the correct PBTL output
connection of the TAS5755M.
9.4.3 2.1 Mode
2.1 Mode is defined as the application of two Single ended channels and one BTL channel used in systems
where a third sub channel is required. Generally, both single-ended inputs drive the Left and Right channels,
while the BTL channel drives a low-frequency content channel called often Subwoofer. More information about
this can be found in the 2.1-Mode Support section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com