Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5755MDFD Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5755MDFD
Description  2 x 50-W or 2 x 19-W1 x 50-W Digital Input Audio Amplifier With Equalizer, 2- Band DRC, And License-Free 3D Effect
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5755MDFD Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5755MDFD Datasheet HTML 5Page - Texas Instruments TAS5755MDFD Datasheet HTML 6Page - Texas Instruments TAS5755MDFD Datasheet HTML 7Page - Texas Instruments TAS5755MDFD Datasheet HTML 8Page - Texas Instruments TAS5755MDFD Datasheet HTML 9Page - Texas Instruments TAS5755MDFD Datasheet HTML 10Page - Texas Instruments TAS5755MDFD Datasheet HTML 11Page - Texas Instruments TAS5755MDFD Datasheet HTML 12Page - Texas Instruments TAS5755MDFD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
9
TAS5755M
www.ti.com
SLOS982 – AUGUST 2017
Product Folder Links: TAS5755M
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
SNR is calculated relative to 0-dBFS input level.
7.7 AC Electrical Characteristics (BTL, PBTL)
PVDD_x = 18 V, BTL AD mode, fS = 48 kHz, RL = 8 Ω, CBST = 10 nF, audio frequency = 1 kHz, AES17 filter,
fPWM = 384 kHz, TA = 25°C (unless otherwise noted). All performance is in accordance with recommended operating
conditions (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Power output per channel
BTL mode, PVDD = 8 V, RL = 8 Ω, 7% THD
3.9
W
BTL mode, PVDD = 8 V, RL = 8 Ω,10% THD
4.2
BTL mode, PVDD = 12 V, RL = 8 Ω, 7% THD
8
BTL mode, PVDD = 12 V, RL = 8 Ω,10% THD
9.6
BTL mode, PVDD = 18 V, RL = 8 Ω, 7% THD
18.7
BTL mode, PVDD = 18 V, RL = 8 Ω, 10% THD
21.2
BTL mode, PVDD = 24 V, RL = 8 Ω, 7% THD
32.6
BTL mode, PVDD = 24 V, RL = 8 Ω, 10% THD
37.2
BTL mode, PVDD = 24 V, RL = 6 Ω, 10% THD
50
PBTL mode, PVDD = 12 V, RL = 4 Ω, 7% THD
16.5
PBTL mode, PVDD = 12 V, RL = 4 Ω, 10% THD
17.9
PBTL mode, PVDD = 18 V, RL = 4 Ω, 7% THD
37
PBTL mode, PVDD = 18 V, RL = 4 Ω, 10% THD
39.6
PBTL mode, PVDD = 24 V, RL = 4 Ω, 10% THD
66
PBTL mode, PVDD = 24 V, RL = 4 Ω, 10% THD
69.6
SE Mode, PVDD = 12 V, RL = 4 Ω, 7% THD
4.2
SE Mode, PVDD = 12 V, RL = 4 Ω, 10% THD
4.6
SE Mode, PVDD = 18 V, RL = 4 Ω, 7% THD
9.6
SE Mode, PVDD = 18 V, RL = 4 Ω, 10% THD
10.2
SE Mode, PVDD = 24 V, RL = 4 Ω, 7% THD
17.1
SE Mode, PVDD = 24 V, RL = 4 Ω, 10% THD
18.1
THD+N
Total harmonic distortion + noise
PVDD = 8 V, PO = 1 W
0.15%
PVDD = 12 V, PO = 1 W
0.03%
PVDD = 18 V, PO = 1 W
0.04%
PVDD = 24 V, PO = 1 W
0.1%
Vn
Output integrated noise (rms)
A-weighted
46
μV
Cross-talk
PO = 0.25 W, f = 1 kHz (AD Mode)
–67
dB
SNR
Signal-to-noise ratio(1)
A-weighted, f = 1 kHz, maximum power at THD
< 1%
104
dB
7.8 Electrical Characteristics - PLL External Filter Components
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
External PLL filter capacitor C1
SMD 0603 X7R
47
nF
External PLL filter capacitor C2
SMD 0603 X7R
4.7
nF
External PLL filter resistor R
SMD 0603, metal film
470
Ω
7.9 Electrical Characteristic - I
2C Serial Control Port Operation
for I
2C Interface signals over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CL
Load capacitance for each bus line
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com