Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GF9101 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # GF9101
Description  High Performance Multirate Digital Filter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GF9101 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button GF9101 Datasheet HTML 9Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 10Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 11Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 12Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 13Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 14Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 15Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 16Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
520 - 64 - 7
13
For the 48 tap filter, input data A n and coefficients C n are
shown in Figure 12. The pipelined output section of the 48
tap filter is shown in Figure 14. Note that two register delays
are introduced due to R2 and R3 between the accumulators
of device number 1 and number 2. An additional delay is
introduced when the filter-sum is fed back to be added to
the next sum by selecting FB_SEL_1. The timing diagram
for the 48 tap asymmetric filter is shown in Figure 15. The
processing clock runs at twice the data rate since the A and
B registers of the GF9101 are multiplexed internally..
Fig. 12 Input Data An and Coefficients Cn
TABLE 11 Configuration Word for the Cascaded GF9101’s
DEVICE NO. 1
DEVICE NO. 2
BIT NO.
CONFIG.
WORD
CONFIG.
WORD
DESCRIPTION
0
1
1
Data A and B are both signed data.
11
1
2
0
0
1 clock cycle delay in device no. 1 and 4 clock delay in device no. 2
30
1
4
0
0
Using each device as 2 x 12 tap filters. Note that in device no. 2
DATA_A_OUT is externally connected to DATA_B_IN.
5
0
0
Assuming serial load mode selected for both devices.
60
0
C4
C5
C6
C36
C38
C40
C3
C2
C1
C0
C41
C44
C43
C39
C42
C45 C46
C7
C37
C47
A47
A11
A45
A4
A5
A40
A41
A42
A43
A3
A1
A0
A46
A9
A10
A44
A8
A7
A6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com