Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GF9101 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GF9101
Description  High Performance Multirate Digital Filter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GF9101 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GF9101 Datasheet HTML 1Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 2Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 3Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 4Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 5Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 6Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 7Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 8Page - List of Unclassifed Manufacturers GF9101 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
520 - 64 - 7
2
I/O DESCRIPTION
SYMBOL
PIN NO.
TYPE
DESCRIPTION
VDD
1, 10, 20, 29, 40, 41,
59, 69, 80, 81, 90, 99,
109, 120, 121, 129,
140, 150, 160
+5 V power supply pins. 0.1
µF capacitors between the VCC and GND pins
are recommended.
GND
3, 6, 8, 19, 33, 36, 39,
46, 49, 60, 73, 76, 79,
83, 86, 88, 100, 113,
116, 119, 122, 125,
139, 153, 155, 159
Device ground.
CLK_IN
138
I
System clock. All inputs except for CONFIGURE, and all internal registers are
clocked on the rising edge of CLK_IN.
DATA_A_IN (9-0)
127, 128, 130-137
I
Input data to registers A0 - A11. 9 bit signed or 10 bit unsigned data.
DATA_B_IN (9-0)
141-149, 151
I
Input data to registers B11 - B0. 9 bit signed or 10 bit unsigned data.
ENA
23
I
Shift enable for A0 - A11. Enables shifting of A registers when high.
ENB
24
I
Shift enable for B0 - B11. Enables shifting of B registers when high.
ENC
25
I
Enable for C0-C11. Enables C registers when high. The C registers transfer
data from either the A or B registers depending on the state of SEL_A/B.
SEL_A/B
22
I
Selects A or B registers. Selects registers A when high or registers B when
low to be transferred to the C registers.
COEF_DATA (7-0)
96-98, 101-105
I
Data bus for coefficients and configuration register:
a) Parallel and microprocessor loading modes : COEF_DATA (7-0) is used to
load 8 bit data into internal RAM.
b) Serial Loading mode: COEF_DATA (7) is used to serially load the internal
RAM.
c) Configuration mode: COEF_DATA (6-0) are inputs to the CONFIGURATION
register.
COEF_ADDR (9-0)
78, 77, 75, 74, 72, 47,
45-42
I
Address bus for internal RAM (address 0 —> 107):
a) Run mode: COEF_ADDR (6-0) selects one of the 108 sets of 12 coefficients
in the internal RAM.
b) Parallel and micro-processor loading modes: Selects the internal RAM
address for the 8-bit data loading COEF_DATA (7-0).
COEF_WR
17
I
Enable for COEF_DATA (7-0). LOAD_EN must be enabled for COEF_WR to
work:
a) Parallel and micro-processor loading modes : Enables COEF_DATA (7-0)
registers or loading 8 bit data in internal RAM.
b) Serial Loading mode: On a high to low transition, a one bit data gets
clocked in to the internal RAM through COEF_DATA bit 7.
LOAD_EN
18
I
Used during loading mode. This signal selects a particular GF9101 device
when 2 or more share the same bus for loading. The particular GF9101
device is selected when set low. LOAD_EN must be enabled for COEF_WR.
For a single GF9101 using the serial loading, this pin can be set low.
NEGATE
126
I
This signal negates the filter sum before it enters the pipelined output section
when high.
ZERO
123
I
Zeros filter sum before it enters the pipelined output section when low.
FB_SEL
124
I
Feedback select. Selects data in PIPELINE_IN when low or filter sum in
PIPELINE_OUT when high to the input of the output accumulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com