Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB4U Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # MB4U
Description  BiSS, SSI, PC-USB 2.0 ADAPTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

MB4U Datasheet(HTML) 2 Page - IC-Haus GmbH

  MB4U Datasheet HTML 1Page - IC-Haus GmbH MB4U Datasheet HTML 2Page - IC-Haus GmbH MB4U Datasheet HTML 3Page - IC-Haus GmbH MB4U Datasheet HTML 4Page - IC-Haus GmbH MB4U Datasheet HTML 5Page - IC-Haus GmbH MB4U Datasheet HTML 6Page - IC-Haus GmbH MB4U Datasheet HTML 7Page - IC-Haus GmbH MB4U Datasheet HTML 8Page - IC-Haus GmbH MB4U Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
preliminary
preliminary
MB4U
BiSS, SSI, PC-USB 2.0 ADAPTER
Rev C1, Page 2/16
DESCRIPTION
The MB4U adapters are USB based Windows® PC adapters with PC-USB 2.0 high speed interface and FPGA
logic system based BiSS master.
The BiSS to PC-USB adapters enable to connect BiSS or SSI sensors to a PC easily and at low cost. Multiple
MB4U BiSS to PC-USB adapters are accessible per PC system. The USB port supplies the adapter as well as
the connected sensor. The supply voltages VB and VDD are galvanically coupled to the USB. The BiSS/SSI
communication is accomplished by differential RS422 wires with separate potentials and cycle rates of up to
10 Mbit/sec.
BiSS Interface Functions and Features:
• Up to 8 BiSS slaves
• RS422 10 MBit/s maximum data transfer rate
• BiSS C, BiSS C unidirectional and BiSS B master
• SSI master
• USB 2.0 interface up to 30 MBit/s data transfer
• USB interface compatibility to 12 MBit/s data transfer
• Multiple adapter per PC system supported
• Adapter and devices can be supplied from the USB port, galvanically coupled
• VB and VDD are available with allocating the adapter via API or software
• VB and VDD are disabled with de-allocating the adapter via API or software
• BiSS and SSI master are iP MB100 based
• FPGA integrated 1st level RAM
• Time based SCD cycle trigger capable
• Available 32 and 64 bit drivers for Windows®10, 8, 7, Vista, XP, 2000
The device offered here is a multifunctional device that contains integrated BiSS C interface components. The BiSS C process is
protected by patent DE 10310622 B4 owned by iC-Haus GmbH. Users benefit from the open BiSS C protocol with a free license which
is necessary when using the BiSS C protocol in conjunction with this iC.
Download the license at www.biss-interface.com/BUA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com