Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB4U Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # MB4U
Description  BiSS, SSI, PC-USB 2.0 ADAPTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

MB4U Datasheet(HTML) 3 Page - IC-Haus GmbH

  MB4U Datasheet HTML 1Page - IC-Haus GmbH MB4U Datasheet HTML 2Page - IC-Haus GmbH MB4U Datasheet HTML 3Page - IC-Haus GmbH MB4U Datasheet HTML 4Page - IC-Haus GmbH MB4U Datasheet HTML 5Page - IC-Haus GmbH MB4U Datasheet HTML 6Page - IC-Haus GmbH MB4U Datasheet HTML 7Page - IC-Haus GmbH MB4U Datasheet HTML 8Page - IC-Haus GmbH MB4U Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
preliminary
preliminary
MB4U
BiSS, SSI, PC-USB 2.0 ADAPTER
Rev C1, Page 3/16
CONNECTORS
PIN CONFIGURATION BiSS
PIN FUNCTIONS
No. Name Function
1 VB
Field power supply
2 MA+
Clock output P
3 MA-
Clock output N
4 VDD
Logic power supply
5 MO-
Master data output N
6 GND Ground (0 V)
7 SL+
Device data input P
8 SL-
Device data input N
9 MO+ Master data output P
PIN CONFIGURATION Mini USB
PIN FUNCTIONS
No. Name Function
1 VCC
5 V USB supply
2 D-
Data -
3 D+
Data +
4 ID
Identifier: A = GND, B n.c.
5 GND Ground (0 V)
PIN CONFIGURATION MU1C cable, sensor side J2
PIN FUNCTIONS
No. Name Function
1 VDD
Logic power supply (5 V)
2 GND Ground (0 V)
3 SLO+ Device data output P
4 SLO- Device data output N
5 MA+
Master clock input P
6 MA-
Master clock input N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com