Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECT25S80 Datasheet(PDF) 7 Page - E-CMOS Corporation

Part # ECT25S80
Description  8M BIT SPI NOR FLASH
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT25S80 Datasheet(HTML) 7 Page - E-CMOS Corporation

Back Button ECT25S80 Datasheet HTML 3Page - E-CMOS Corporation ECT25S80 Datasheet HTML 4Page - E-CMOS Corporation ECT25S80 Datasheet HTML 5Page - E-CMOS Corporation ECT25S80 Datasheet HTML 6Page - E-CMOS Corporation ECT25S80 Datasheet HTML 7Page - E-CMOS Corporation ECT25S80 Datasheet HTML 8Page - E-CMOS Corporation ECT25S80 Datasheet HTML 9Page - E-CMOS Corporation ECT25S80 Datasheet HTML 10Page - E-CMOS Corporation ECT25S80 Datasheet HTML 11Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 7 of 45
5B16N-Rev.F001
ECT25S80
8M BIT SPI NOR FLASH
Device Reset
In order to prevent inadvertent Write operations during power-up (continuous rise of VCC), a power
on
reset
(POR) circuit is included. At Power-up, the device does not respond to any instruction until
VCC
has
reached
the
power
on
reset
threshold voltage(this threshold is lower than the minimum VCC operating
voltage defined in operating ranges). When VCC has passed the POR threshold, the device is reset.
Power-down
At Power-down (continuous decrease in VCC), as soon as VCC drops from the normal operating voltage to
below the power on reset threshold voltage, the device stops responding to any be allowed to follow the
voltage applied on VCC) and in Standby Power mode (that is there should be no internal Write cycle in
progress).
Active Power and Standby Power Modes
When Chip Select (/CS) is Low, the device is selected, and in the Active Power mode. The device consumes
ICC.
When Chip Select (/CS) is High, the device is deselected. If a Write cycle is not currently in progress, the
device then goes in to the Standby Power mode, and the device consumption drops to ICC1.
Hold Condition
The Hold (/HOLD) signal is used to pause any serial communications with the device without resetting the
clocking sequence. During the Hold condition, the Serial Data Output(SO)is high impedance, and Serial Data
Input (SI) and Serial Clock (SCLK) are Don’t Care. To enter the Hold condition, the device must be selected,
with Chip Select(/CS) Low. Normally, the device is kept selected, for the whole duration of the Hold condition.
Deselecting the device while it is in the Hold condition, has the effect of resetting the state of the device, and
this mechanism can be used if it is required to reset any processes that had been in progress.
The Hold condition starts when the Hold (/HOLD) signal is driven Low at the same time as Serial Clock (SCLK)
already being Low (as shown in Figure 4).
The Hold condition ends when the Hold (HOLD) signal is driven High at the same time as Serial Clock (C)
already being Low. Figure 4 also shows what happens if the rising and falling edges are not timed to coincide
with Serial Clock (SCLK) being Low.
Figure 4. Hold condition activation
Status Register
Status Register Table
See Table 3 and Table 4 for detail description of the Status Register bits. Status Register-2 (SR2) and Status
Register-1 (SR1) can be used to provide status on the availability of the Flash memory array, if the device is
write enabled or disabled the state of write protection, Quad SPI setting, Security Register lock status, and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com