| Electronic Components Datasheet Search |
|
ECT25S80 Datasheet(PDF) 10 Page - E-CMOS Corporation |
|
|
|||||||||||||||||||||||||||||
ECT25S80 Datasheet(HTML) 10 Page - E-CMOS Corporation |
|
10 / 45 page ![]() E-CMOS Corp. (www.ecmos.com.tw) Page 10 of 45 5B16N-Rev.F001 ECT25S80 8M BIT SPI NOR FLASH Status Register Protect Table Table 5. Status Register protect table Notes: 1. When SRP1, SRP0= (1, 0), a Power-Down, Power-Up cycle will change SRP1, SRP0 to (0, 0) state. 2. The One time Programfeature is available upon special order. Write Protect Features 1. Software Protection: The Block Protect (SEC, TB, BP2, BP1, BP0) bits define the section of thememory array that can be read but not change. 2. Hardware Protection: /WP going low to protected the BP0~SEC bits and SRP0~1 bits. 3. Deep Power-Down: In Deep Power-Down Mode,all instructions are ignored except the Release from deep Power-Down Mode instruction. 4. Write Enable: The Write Enable Latch(WEL) bit must be set prior to every Page Program, Sector Erase, Block Erase, Chip Erase, Write Status Register and Erase/Program Security Registers instruction. SRP1 SRP0 /WP Status Register Description 0 0 X Software Protected The Status Register can be written to after a Write Enable instruction, WEL=1.(Factory Default) 0 1 0 Hardware Protected /WP=0, the Status Register locked and cannot be written. 0 1 1 Hardware Unprotected /WP=1, the Status Register is unlocked and can be written to after a Write Enable instruction, WEL=1. 1 0 X Power Supply Lock-Down(1) Status Register is protected and cannot be written to again until the next Power-Down, Power-Up cycle. 1 1 X One Time Program(2) Status Register is permanently protected and cannot be written to. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |