Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECV321 Datasheet(PDF) 5 Page - E-CMOS Corporation

Part # ECV321
Description  1MHz, 1.8V, CMOS, Rail-to-Rail Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECV321 Datasheet(HTML) 5 Page - E-CMOS Corporation

  ECV321 Datasheet HTML 1Page - E-CMOS Corporation ECV321 Datasheet HTML 2Page - E-CMOS Corporation ECV321 Datasheet HTML 3Page - E-CMOS Corporation ECV321 Datasheet HTML 4Page - E-CMOS Corporation ECV321 Datasheet HTML 5Page - E-CMOS Corporation ECV321 Datasheet HTML 6Page - E-CMOS Corporation ECV321 Datasheet HTML 7Page - E-CMOS Corporation ECV321 Datasheet HTML 8Page - E-CMOS Corporation ECV321 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
1MHz, 1.8V, CMOS,
Rail-to-Rail Operational Amplifier
ECV321
E-CMOS Corp. (www.ecmos.com.tw)
5A15N-Rev.F002
Page 5 of 13
The amplifier in Figure 5 is a high input impedance differential amplifier with gain of R2/R1. The two differential
voltage followers assure the high input impedance of the amplifier.
Two-Op-Amp Instrumentation Amplifier
ECV321 can also be used to make a high input impedance two-op-amp instrumentation amplifier as shown in
Figure 6.
Figure 6. Two-Op-Amp Instrumentation Amplifier
Where R1=R3 and R2=R4. If all resistors are equal, then Vo=2(VIP-VIN)
Single-Supply Inverting Amplifier
The inverting amplifier is shown in Figure 7. The capacitor C1 is used to block the DC signal going into the AC
signal source VIN. The value of R1 and C1 set the cut-off frequency to ƒC=1/(2πR1C1). The DC gain is defined
by VOUT=-(R2/R1)VIN
Figure 7. Single Supply Inverting Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com