Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECV321 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # ECV321
Description  1MHz, 1.8V, CMOS, Rail-to-Rail Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECV321 Datasheet(HTML) 1 Page - E-CMOS Corporation

  ECV321 Datasheet HTML 1Page - E-CMOS Corporation ECV321 Datasheet HTML 2Page - E-CMOS Corporation ECV321 Datasheet HTML 3Page - E-CMOS Corporation ECV321 Datasheet HTML 4Page - E-CMOS Corporation ECV321 Datasheet HTML 5Page - E-CMOS Corporation ECV321 Datasheet HTML 6Page - E-CMOS Corporation ECV321 Datasheet HTML 7Page - E-CMOS Corporation ECV321 Datasheet HTML 8Page - E-CMOS Corporation ECV321 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1MHz, 1.8V, CMOS,
Rail-to-Rail Operational Amplifier
ECV321
E-CMOS Corp. (www.ecmos.com.tw)
5A15N-Rev.F002
Page 1 of 13
General Description
The ECV321 is a single supply, low power CMOS
operational amplifier; these amplifiers offer bandwidth of
1MHz, rail-to-rail inputs and outputs, and single-supply
operation from 1.8V to 5.5V. Typical low quiescent supply
current of 55µA in one operational amplifier within one chip
and very low input bias current of 10pA make the devices
an ideal choice for low offset, low power consumption and
high impedance applications such as smoke detectors,
photodiode amplifiers, and other sensors.
The ECV321 is available in SOT23-5L and SOP-8L
packages. The extended temperature range of -40
to
+125
over all supply voltages offers additional design
flexibility.
Features
● Single-Supply Operation from +1.8V ~ +5.5V
● Rail-to-Rail Input / Output
● Gain-Bandwidth Product: 1MHz (Typ.)
● Low Input Bias Current: 10pA (Typ.)
● Low Offset Voltage: 5mV (Max.)
● Quiescent Current: 55µA per Amplifier (Typ.)
● Operating Temperature: -40°C ~ +125°C
● Available in SOT23-5L and SOP-8L Packages
Applications
● Portable Equipment
● Mobile Communications
● Smoke Detector
● Sensor Interface
● Medical Instrumentation
● Battery-Powered Instruments
● Handheld Test Equipment
Pin Assignments
Figure 1. Pin Assignment Diagram (SOT23-5L and SOP-8L Package)


Similar Part No. - ECV321

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
ECV30 ECM-ECV30 Datasheet
67Kb / 1P
VCXO Crystal Oscillator
ECV30H20.0AX ECM-ECV30H20.0AX Datasheet
67Kb / 1P
VCXO Crystal Oscillator
logo
E-CMOS Corporation
ECV358 E-CMOS-ECV358 Datasheet
798Kb / 13P
1MHz, 1.8V, CMOS, Rail-to-Rail Dual Operational Amplifier
ECV358NNM1R E-CMOS-ECV358NNM1R Datasheet
798Kb / 13P
1MHz, 1.8V, CMOS, Rail-to-Rail Dual Operational Amplifier
ECV358NNR1R E-CMOS-ECV358NNR1R Datasheet
798Kb / 13P
1MHz, 1.8V, CMOS, Rail-to-Rail Dual Operational Amplifier
More results

Similar Description - ECV321

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA348 TI-OPA348 Datasheet
318Kb / 14P
1MHz, 45UA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Advanced Linear Devices
ALD1704A ALD-ALD1704A Datasheet
47Kb / 6P
RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
ALD1704A ALD-ALD1704A_10 Datasheet
84Kb / 9P
RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
CMOS Rail-to-Rail Operational Amplifier
logo
E-CMOS Corporation
EC5721 E-CMOS-EC5721 Datasheet
851Kb / 13P
1MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
EC5724 E-CMOS-EC5724 Datasheet
863Kb / 12P
1MHz, Low Power, CMOS, Rail-to-Rail Quad Operational Amplifier
EC5759 E-CMOS-EC5759 Datasheet
809Kb / 12P
1MHz, Low Power, CMOS, Rail-to-Rail Dual Operational Amplifier
ECV358 E-CMOS-ECV358 Datasheet
798Kb / 13P
1MHz, 1.8V, CMOS, Rail-to-Rail Dual Operational Amplifier
logo
ADL Embedded Solutions
ALD1704A ADL-ALD1704A Datasheet
79Kb / 9P
RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
logo
TECH PUBLIC Electronics...
TPNCS20082DMR2G TECHPUBLIC-TPNCS20082DMR2G Datasheet
3Mb / 13P
1MHz,Low Power,1.8V,CMOS, Rail toRail Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com