Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2114 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # LPC2114
Description  Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2114 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button LPC2114 Datasheet HTML 17Page - NXP Semiconductors LPC2114 Datasheet HTML 18Page - NXP Semiconductors LPC2114 Datasheet HTML 19Page - NXP Semiconductors LPC2114 Datasheet HTML 20Page - NXP Semiconductors LPC2114 Datasheet HTML 21Page - NXP Semiconductors LPC2114 Datasheet HTML 22Page - NXP Semiconductors LPC2114 Datasheet HTML 23Page - NXP Semiconductors LPC2114 Datasheet HTML 24Page - NXP Semiconductors LPC2114 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Philips Semiconductors
LPC2114/LPC2124
Single-chip 16/32-bit microcontrollers
Product data
Rev. 03 — 22 December 2004
21 of 34
9397 750 13145
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Three match registers can be used to provide a PWM output with both edges
controlled. Again, the MR0 match register controls the PWM cycle rate. The other
match registers control the two PWM edge positions. Additional double edge
controlled PWM outputs require only two match registers each, since the repetition
rate is the same for all PWM outputs.
With double edge controlled PWM outputs, specific match registers control the rising
and falling edge of the output. This allows both positive going PWM pulses (when the
rising edge occurs prior to the falling edge), and negative going PWM pulses (when
the falling edge occurs prior to the rising edge).
6.18.1
Features
Seven match registers allow up to six single edge controlled or three double edge
controlled PWM outputs, or a mix of both types.
The match registers also allow:
– Continuous operation with optional interrupt generation on match.
– Stop timer on match with optional interrupt generation.
– Reset timer on match with optional interrupt generation.
Supports single edge controlled and/or double edge controlled PWM outputs.
Single edge controlled PWM outputs all go HIGH at the beginning of each cycle
unless the output is a constant LOW. Double edge controlled PWM outputs can
have either edge occur at any position within a cycle. This allows for both positive
going and negative going pulses.
Pulse period and width can be any number of timer counts. This allows complete
flexibility in the trade-off between resolution and repetition rate. All PWM outputs
will occur at the same repetition rate.
Double edge controlled PWM outputs can be programmed to be either positive
going or negative going pulses.
Match register updates are synchronized with pulse outputs to prevent generation
of erroneous pulses. Software must ‘release’ new match values before they can
become effective.
May be used as a standard timer if the PWM mode is not enabled.
A 32-bit Timer/Counter with a programmable 32-bit Prescaler.
6.19 System control
6.19.1
Crystal oscillator
The oscillator supports crystals in the range of 1 MHz to 30 MHz. The oscillator
output frequency is called fosc and the ARM processor clock frequency is referred to
as cclk for purposes of rate equations, etc. fosc and cclk are the same value unless
the PLL is running and connected. Refer to Section 6.19.2 “PLL” for additional
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com