Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2124 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # LPC2124
Description  Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2124 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button LPC2124 Datasheet HTML 18Page - NXP Semiconductors LPC2124 Datasheet HTML 19Page - NXP Semiconductors LPC2124 Datasheet HTML 20Page - NXP Semiconductors LPC2124 Datasheet HTML 21Page - NXP Semiconductors LPC2124 Datasheet HTML 22Page - NXP Semiconductors LPC2124 Datasheet HTML 23Page - NXP Semiconductors LPC2124 Datasheet HTML 24Page - NXP Semiconductors LPC2124 Datasheet HTML 25Page - NXP Semiconductors LPC2124 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
Philips Semiconductors
LPC2114/LPC2124
Single-chip 16/32-bit microcontrollers
Product data
Rev. 03 — 22 December 2004
22 of 34
9397 750 13145
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
6.19.2
PLL
The PLL accepts an input clock frequency in the range of 10 MHz to 25 MHz. The
input frequency is multiplied up into the range of 10 MHz to 60 MHz with a Current
Controlled Oscillator (CCO). The multiplier can be an integer value from 1 to 32 (in
practice, the multiplier value cannot be higher than 6 on this family of microcontrollers
due to the upper frequency limit of the CPU). The CCO operates in the range of
156 MHz to 320 MHz, so there is an additional divider in the loop to keep the CCO
within its frequency range while the PLL is providing the desired output frequency.
The output divider may be set to divide by 2, 4, 8, or 16 to produce the output clock.
Since the minimum output divider value is 2, it is insured that the PLL output has a
50 % duty cycle.The PLL is turned off and bypassed following a chip Reset and may
be enabled by software. The program must configure and activate the PLL, wait for
the PLL to Lock, then connect to the PLL as a clock source. The PLL settling time is
100
µs.
6.19.3
Reset and wake-up timer
Reset has two sources on the LPC2114/LPC2124: the RESET pin and Watchdog
Reset. The RESET pin is a Schmitt trigger input pin with an additional glitch filter.
Assertion of chip Reset by any source starts the Wake-up Timer (see Wake-up Timer
description below), causing the internal chip reset to remain asserted until the
external Reset is de-asserted, the oscillator is running, a fixed number of clocks have
passed, and the on-chip Flash controller has completed its initialization.
When the internal Reset is removed, the processor begins executing at address 0,
which is the Reset vector. At that point, all of the processor and peripheral registers
have been initialized to predetermined values.
The wake-up timer ensures that the oscillator and other analog functions required for
chip operation are fully functional before the processor is allowed to execute
instructions. This is important at power on, all types of Reset, and whenever any of
the aforementioned functions are turned off for any reason. Since the oscillator and
other functions are turned off during Power-down mode, any wake-up of the
processor from Power-down mode makes use of the Wake-up Timer.
The Wake-up Timer monitors the crystal oscillator as the means of checking whether
it is safe to begin code execution. When power is applied to the chip, or some event
caused the chip to exit Power-down mode, some time is required for the oscillator to
produce a signal of sufficient amplitude to drive the clock logic. The amount of time
depends on many factors, including the rate of VDD ramp (in the case of power on),
the type of crystal and its electrical characteristics (if a quartz crystal is used), as well
as any other external circuitry (e.g. capacitors), and the characteristics of the
oscillator itself under the existing ambient conditions.
6.19.4
External interrupt inputs
The LPC2114/LPC2124 include up to nine edge or level sensitive External Interrupt
Inputs as selectable pin functions. When the pins are combined, external events can
be processed as four independent interrupt signals. The External Interrupt Inputs can
optionally be used to wake up the processor from Power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com