Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2124 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # LPC2124
Description  Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2124 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button LPC2124 Datasheet HTML 19Page - NXP Semiconductors LPC2124 Datasheet HTML 20Page - NXP Semiconductors LPC2124 Datasheet HTML 21Page - NXP Semiconductors LPC2124 Datasheet HTML 22Page - NXP Semiconductors LPC2124 Datasheet HTML 23Page - NXP Semiconductors LPC2124 Datasheet HTML 24Page - NXP Semiconductors LPC2124 Datasheet HTML 25Page - NXP Semiconductors LPC2124 Datasheet HTML 26Page - NXP Semiconductors LPC2124 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
Philips Semiconductors
LPC2114/LPC2124
Single-chip 16/32-bit microcontrollers
Product data
Rev. 03 — 22 December 2004
23 of 34
9397 750 13145
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
6.19.5
Memory Mapping Control
The Memory Mapping Control alters the mapping of the interrupt vectors that appear
beginning at address 0x00000000. Vectors may be mapped to the bottom of the
on-chip Flash memory, or to the on-chip static RAM. This allows code running in
different memory spaces to have control of the interrupts.
6.19.6
Power Control
The LPC2114/LPC2124 support two reduced power modes: Idle mode and
Power-down mode. In Idle mode, execution of instructions is suspended until either a
Reset or interrupt occurs. Peripheral functions continue operation during Idle mode
and may generate interrupts to cause the processor to resume execution. Idle mode
eliminates power used by the processor itself, memory systems and related
controllers, and internal buses.
In Power-down mode, the oscillator is shut down and the chip receives no internal
clocks. The processor state and registers, peripheral registers, and internal SRAM
values are preserved throughout Power-down mode and the logic levels of chip
output pins remain static. The Power-down mode can be terminated and normal
operation resumed by either a Reset or certain specific interrupts that are able to
function without clocks. Since all dynamic operation of the chip is suspended,
Power-down mode reduces chip power consumption to nearly zero.
A Power Control for Peripherals feature allows individual peripherals to be turned off if
they are not needed in the application, resulting in additional power savings.
6.19.7
VPB bus
The VPB divider determines the relationship between the processor clock (CCLK)
and the clock used by peripheral devices (PCLK). The VPB divider serves two
purposes. The first is to provide peripherals with the desired PCLK via VPB bus so
that they can operate at the speed chosen for the ARM processor. In order to achieve
this, the VPB bus may be slowed down to 1
⁄
2 to
1
⁄
4 of the processor clock rate.
Because the VPB bus must work properly at power-up (and its timing cannot be
altered if it does not work since the VPB divider control registers reside on the VPB
bus), the default condition at reset is for the VPB bus to run at 1
⁄
4 of the processor
clock rate. The second purpose of the VPB divider is to allow power savings when an
application does not require any peripherals to run at the full processor rate. Because
the VPB divider is connected to the PLL output, the PLL remains active (if it was
running) during Idle mode.
6.20 Emulation and debugging
The LPC2114/LPC2124 support emulation and debugging via a JTAG serial port. A
trace port allows tracing program execution. Debugging and trace functions are
multiplexed only with GPIOs on Port 1. This means that all communication, timer and
interface peripherals residing on Port 0 are available during the development and
debugging phase as they are when the application is run in the embedded system
itself.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com