Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1966 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1966
Description  Precision Micropower, SIGMA RMS-to-DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1966 Datasheet(HTML) 3 Page - Linear Technology

  LTC1966 Datasheet HTML 1Page - Linear Technology LTC1966 Datasheet HTML 2Page - Linear Technology LTC1966 Datasheet HTML 3Page - Linear Technology LTC1966 Datasheet HTML 4Page - Linear Technology LTC1966 Datasheet HTML 5Page - Linear Technology LTC1966 Datasheet HTML 6Page - Linear Technology LTC1966 Datasheet HTML 7Page - Linear Technology LTC1966 Datasheet HTML 8Page - Linear Technology LTC1966 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
3
LTC1966
sn1966 1966fas
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C. VDD = 5V, VSS = – 5V, VOUTRTN = 0V, CAVE = 10µF, VIN = 200mVRMS,
VENABLE = 0.5V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The inputs (IN1, IN2) are protected by shunt diodes to VSS and
VDD. If the inputs are driven beyond the rails, the current should be limited
to less than 10mA.
Note 3: The LTC1966 output (VOUT) is high impedance and can be
overdriven, either sinking or sourcing current, to the limits stated.
Note 4: The LTC1966C/LTC1966I are guaranteed functional over the
operating temperature range of – 40
°C to 85°C.
Note 5: The LTC1966C is guaranteed to meet specified performance from
0
°C to 70°C. The LTC1966C is designed, characterized and expected to
meet specified performance from – 40
°C to 85°C but is not tested nor QA
sampled at these temperatures. The LTC1966I is guaranteed to meet
specified performance from – 40
°C to 85°C.
Note 6: High speed automatic testing cannot be performed with
CAVE = 10µF. The LTC1966 is 100% tested with CAVE = 22nF. Correlation
tests have shown that the performance limits above can be guaranteed
with the additional testing being performed to guarantee proper operation
of all the internal circuitry.
Note 7: High speed automatic testing cannot be performed with 60Hz
inputs. The LTC1966 is 100% tested with DC and 10kHz input signals.
Measurements with DC inputs from 50mV to 350mV are used to calculate
the four parameters: GERR, VOOS, VIOS and linearity error. Correlation tests
have shown that the performance limits above can be guaranteed with the
additional testing being performed to guarantee proper operation of all
internal circuitry.
Note 8: The LTC1966 is inherently very linear. Unlike older log/antilog
circuits, its behavior is the same with DC and AC inputs, and DC inputs are
used for high speed testing.
Note 9: The power supply rejections of the LTC1966 are measured with
DC inputs from 50mV to 350mV. The change in accuracy from VDD = 2.7V
to VDD = 5.5V with VSS = 0V is divided by 2.8V. The change in accuracy
from VSS = 0V to VSS = –5.5V with VDD = 5.5V is divided by 5.5V.
Note 10: Previous generation RMS-to-DC converters required nonlinear
input stages as well as a nonlinear core. Some parts specify a “DC reversal
error,” combining the effects of input nonlinearity and input offset voltage.
The LTC1966 behavior is simpler to characterize and the input offset
voltage is the only significant source of “DC reversal error.”
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Characteristics
OVR
Output Voltage Range
q
VSS
VDD
V
ZOUT
Output Impedance
(Note 12)
q
75
85
95
k
Ω
CMRRO
Output Common Mode Rejection
(Note 13)
q
16
200
µV/V
VOMAX
Maximum Differential Output Swing
Accuracy = 2%, DC Input (Note 14)
1.0
1.05
V
q
0.9
V
PSRRO
Power Supply Rejection
VDD Supply (Note 9)
q
250
1000
µV/V
VSS Supply (Note 9)
q
50
500
µV/V
Frequency Response
f1P
1% Additional Error (Note 15)
CAVE = 10µF6
kHz
f10P
10% Additional Error (Note 15)
CAVE = 10µF20
kHz
f–3dB
±3dB Frequency (Note 15)
800
kHz
Power Supplies
VDD
Positive Supply Voltage
q
2.7
5.5
V
VSS
Negative Supply Voltage
(Note 16)
q
– 5.5
0
V
IDD
Positive Supply Current
IN1 = 20mV, IN2 = 0V
q
155
170
µA
IN1 = 200mV, IN2 = 0V
158
µA
ISS
Negative Supply Current
IN1 = 20mV, IN2 = 0V
q
12
20
µA
Shutdown Characteristics
IDDS
Supply Currents
VENABLE = 4.5V
q
0.5
10
µA
ISSS
Supply Currents
VENABLE = 4.5V
q
–1
–0.1
µA
IIH
ENABLE Pin Current High
VENABLE = 4.5V
q
– 0.3
– 0.05
µA
IIL
ENABLE Pin Current Low
VENABLE = 0.5V
q
–2
–1
– 0.1
µA
VTH
ENABLE Threshold Voltage
VDD = 5V, VSS = – 5V
2.4
V
VDD = 5V, VSS = GND
2.1
V
VDD = 2.7V, VSS = GND
1.3
V
VHYS
ENABLE Threshold Hysteresis
0.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com