Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1966 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1966
Description  Precision Micropower, SIGMA RMS-to-DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1966 Datasheet(HTML) 5 Page - Linear Technology

  LTC1966 Datasheet HTML 1Page - Linear Technology LTC1966 Datasheet HTML 2Page - Linear Technology LTC1966 Datasheet HTML 3Page - Linear Technology LTC1966 Datasheet HTML 4Page - Linear Technology LTC1966 Datasheet HTML 5Page - Linear Technology LTC1966 Datasheet HTML 6Page - Linear Technology LTC1966 Datasheet HTML 7Page - Linear Technology LTC1966 Datasheet HTML 8Page - Linear Technology LTC1966 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
LTC1966
sn1966 1966fas
TYPICAL PERFOR A CE CHARACTERISTICS
Gain and Offset vs VSS Supply
VSS (V)
–6
–0.5
–0.4
–0.2
–0.1
0
0.5
0.2
–5
–4
0
1966 G11
–0.3
0.3
0.4
0.1
–0.5
– 0.4
– 0.2
– 0.1
0
0.5
0.2
– 0.3
0.3
0.4
0.1
–2
–3
–1
VDD = 5V
VIOS
VOOS
GAIN ERROR
Gain and Offsets vs Temperature
TEMPERATURE (
°C)
–50
–0.5
–0.4
–0.2
–0.1
0
0.5
0.2
–25
0
125
1966 G07
–0.3
0.3
0.4
0.1
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
–0.6
0.6
0.8
0.2
50
25
75
100
VDD = 2.7V
VSS = GND
VIOS
VOOS
GAIN ERROR
Gain and Offset
vs Input Common Mode
Gain and Offset
vs Output Common Mode
INPUT COMMON MODE (V)
0
–0.5
–0.4
–0.2
–0.1
0
0.5
0.2
0.6
1.2 1.5
2.7
1966 G01
–0.3
0.3
0.4
0.1
–1.0
–0.8
–0.4
–0.2
1.0
0.4
–0.6
0.6
0.8
0.2
0
0.3
0.9
1.8 2.1 2.4
VDD = 2.7V
VSS = GND
VIOS
VOOS
GAIN ERROR
OUTPUT COMMON MODE (V)
0
–0.5
–0.4
–0.2
–0.1
0
0.5
0.2
0.6
1.2 1.5
2.7
1966 G04
–0.3
0.3
0.4
0.1
–1.0
–0.8
–0.4
–0.2
1.0
0.4
–0.6
0.6
0.8
0.2
0
0.3
0.9
1.8 2.1 2.4
VDD = 2.7V
VSS = GND
VIOS
VOOS
GAIN ERROR
Gain and Offsets vs Temperature
TEMPERATURE (
°C)
–50
–0.5
–0.4
–0.2
–0.1
0
0.5
0.2
–25
0
125
1966 G08
–0.3
0.3
0.4
0.1
–0.5
–0.4
–0.2
–0.1
0
0.5
0.2
–0.3
0.3
0.4
0.1
50
25
75
100
VDD = 5V
VSS = GND
VIOS
VOOS
GAIN ERROR
Gain and Offsets vs Temperature
TEMPERATURE (
°C)
–50
–0.5
–0.4
–0.2
–0.1
0
0.5
0.2
–25
0
125
1966 G09
–0.3
0.3
0.4
0.1
–0.5
–0.4
–0.2
–0.1
0
0.5
0.2
–0.3
0.3
0.4
0.1
50
25
75
100
VDD = 5V
VSS = –5V
VIOS
VOOS
GAIN ERROR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com