Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4002 Datasheet(PDF) 4 Page - Analog Devices

Part # AD4002
Description  Precision, Pseudo Differential, SAR ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4002 Datasheet(HTML) 4 Page - Analog Devices

  AD4002 Datasheet HTML 1Page - Analog Devices AD4002 Datasheet HTML 2Page - Analog Devices AD4002 Datasheet HTML 3Page - Analog Devices AD4002 Datasheet HTML 4Page - Analog Devices AD4002 Datasheet HTML 5Page - Analog Devices AD4002 Datasheet HTML 6Page - Analog Devices AD4002 Datasheet HTML 7Page - Analog Devices AD4002 Datasheet HTML 8Page - Analog Devices AD4002 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
AD4002/AD4006/AD4010
Preliminary Technical Data
Rev. PrA | Page 4 of 36
SPECIFICATIONS
VDD = 1.71 V to 1.89 V, VIO = 1.71 V to 5.5 V, VREF = 5 V, all specifications TMIN to TMAX, high-Z mode disabled, span compression disabled,
turbo mode enabled, and sampling frequency (fS) = 2 MSPS for the AD4002, fS = 1 MSPS for the AD4006, and fS = 500 kSPS for the AD4010,
unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ANALOG INPUT
Voltage Range
IN+ Voltage (VIN+) − IN− Voltage (VIN−)
0
VREF
V
Operating Input Voltage
VIN+ to GND
−0.1
VREF + 0.1
V
VIN− to GND
−0.1
+0.1
V
Span compression enabled
0.1 × VREF
0.9 × VREF
V
Analog Input Current
Acquisition phase, T = 25°C
0.3
nA
High-Z mode enabled,
converting dc input at 2 MSPS
1
µA
THROUGHPUT
Complete Cycle
AD4002
500
ns
AD4006
1000
ns
AD4010
2000
ns
Conversion Time
270
290
320
ns
Acquisition Phase1
AD4002
290
ns
AD4006
790
ns
AD4010
1790
ns
Throughput Rate2
AD4002
0
2
MSPS
AD4006
0
1
MSPS
AD4010
0
500
kSPS
Transient Response3
TBD
ns
DC ACCURACY
No Missing Codes
18
Bits
Integral Nonlinearity Error (INL)
−2.0
TBD
+2.0
LSB
−3.8
TBD
+3.8
ppm
T = 0°C to 85°C
TBD
TBD
TBD
LSB
Differential Nonlinearity Error (DNL)
TBD
TBD
TBD
LSB
Transition Noise
1.6
LSB
Zero Error
TBD
TBD
LSB
Zero Error Drift4
TBD
TBD
ppm/°C
Gain Error
TBD
TBD
TBD
LSB
Gain Error Drift4
TBD
TBD
ppm/°C
Power Supply Sensitivity
VDD = 1.8 V ± 5%
TBD
LSB
1/f Noise5
Bandwidth = 0.1 Hz to 10 Hz
6
µV p-p
AC ACCURACY
Dynamic Range
95.5
dB
Total RMS Noise
30
µV rms
fIN = 1 kHz, −0.5 dBFS, VREF = 5 V
Signal-to-Noise Ratio (SNR)
TBD
95
dB
Spurious-Free Dynamic Range (SFDR)
TBD
dB
Total Harmonic Distortion (THD)
−120
dB
Signal-to-Noise-and-Distortion Ratio (SINAD)
TBD
94.5
dB
Oversampled Dynamic Range
Oversampling ratio (OSR) = 256,
VREF = 5 V
119.5
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com