Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7616-PBSTZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD7616-PBSTZ
Description  16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7616-PBSTZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7616-PBSTZ Datasheet HTML 23Page - Analog Devices AD7616-PBSTZ Datasheet HTML 24Page - Analog Devices AD7616-PBSTZ Datasheet HTML 25Page - Analog Devices AD7616-PBSTZ Datasheet HTML 26Page - Analog Devices AD7616-PBSTZ Datasheet HTML 27Page - Analog Devices AD7616-PBSTZ Datasheet HTML 28Page - Analog Devices AD7616-PBSTZ Datasheet HTML 29Page - Analog Devices AD7616-PBSTZ Datasheet HTML 30Page - Analog Devices AD7616-PBSTZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
AD7616-P
Data Sheet
Rev. 0 | Page 26 of 46
SOFTWARE MODE
If software mode is selected and the reference is configured, all
other configuration settings in the AD7616-P are controlled via
the on-chip registers. All functionality of the AD7616-P is
available when software mode is selected. Table 10 provides a
summary of the signals that are latched by the device on the release
of a full reset, depending on the mode of operation chosen.
RESET FUNCTIONALITY
The AD7616-P has two reset modes: full or partial. The reset
mode selected is dependent on the length of the reset low pulse.
A partial reset requires the RESET pin to be held low between
40 ns and 500 ns. After 120 ns from the release of RESET, the
device is fully functional and a conversion can be initiated. A
full reset requires the RESET pin to be held low for a minimum
of 1.2 µs. After 15 ms from the release of RESET, the device is
completely reconfigured and a conversion can be initiated.
A partial reset reinitializes the following modules:
•
Sequencer
•
Digital filter
•
Both SAR ADCs
The current conversion result is discarded on completion of a
partial reset. The partial reset does not affect the register values
programmed in software mode or the latches that store the user
configuration in both hardware and software modes. A dummy
conversion is required in software mode after a partial reset.
A full reset returns the device to its default power-on state. The
following features are configured when the AD7616-P is
released from full reset:
•
Hardware mode or software mode
•
Internal/external reference
•
Interface type
On power-up, the RESET signal can be released as soon as both
the VCC and VDRIVE supplies are stable. The logic level of the
HW_RNGSELx, REFSEL, and PAR pins when the RESET pin is
released after a full reset determines the configuration.
If hardware mode is selected, the functionality determined by
the BURST and SEQEN signals is also latched when the RESET
pin transitions from low to high in full reset mode, as shown in
Figure 3. After the functionality is configured, changes to these
signals are ignored. In hardware mode, the analog input range
(HW_RNGSELx signals) can be configured during a full reset, a
partial reset, or during normal operation, but hardware/software
mode selection requires a full reset to reconfigure when latched.
In hardware mode, the CHSELx and HW_RNGSELx pins are
read upon release of a full or partial reset to perform the following
actions:
•
Determine the initial analog input channel pair to acquire
for conversion.
•
Configure the initial settings for the sequencer.
•
Select the analog input voltage range.
The CHSELx and HW_RNGSELx signals are not latched. The
channel pair selected for conversion, or the hardware sequencer,
can be reconfigured during normal operation by setting and
maintaining the CHSELx signal level before the CONVST rising
edge, and ensuring the signal level remains constant until after
BUSY transitions low again. See the Channel Selection section
for further details.
In software mode, all additional functionality is configured by
controlling the on-chip registers.
PIN FUNCTION OVERVIEW
There are several dual-function pins on the AD7616-P. Their
functionality is dependent on the mode of operation selected by
the HW_RNGSELx pins. Table 11 outlines the pin functionality
in the different modes of operation and interface modes.
Table 11. Pin Functionality Overview
Pins
Operation Mode
Software
(HW_RNGSELx = 00)
Hardware
(HW_RNGSELx ≠ 00)
CHSELx
No function, connect
to DGND
CHSELx
RD
RD
RD
WR/BURST
WR
BURST
DB15 to DB0
DB15 to DB0
DB15 to DB0
HW_RNGSELx
HW_RNGSELx,
connect to DGND
HW_RNGSELx, configure
analog input range
SEQEN
No function, connect
to DGND
SEQEN
REFSEL
REFSEL
REFSEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com