Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7761BSTZ Datasheet(PDF) 49 Page - Analog Devices

Part # AD7761BSTZ
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761BSTZ Datasheet(HTML) 49 Page - Analog Devices

Back Button AD7761BSTZ Datasheet HTML 45Page - Analog Devices AD7761BSTZ Datasheet HTML 46Page - Analog Devices AD7761BSTZ Datasheet HTML 47Page - Analog Devices AD7761BSTZ Datasheet HTML 48Page - Analog Devices AD7761BSTZ Datasheet HTML 49Page - Analog Devices AD7761BSTZ Datasheet HTML 50Page - Analog Devices AD7761BSTZ Datasheet HTML 51Page - Analog Devices AD7761BSTZ Datasheet HTML 52Page - Analog Devices AD7761BSTZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
AD7761
Data Sheet
Rev. A | Page 48 of 75
CALIBRATION
In SPI control mode, the AD7761 offers users the ability to adjust
offset, gain, and phase delay on a per channel basis.
Offset Adjustment
The CHx_OFFSET_MSB, CHx_OFFSET_MID, and CHx_
OFFSET_LSB registers are 24-bit, signed twos complement
registers for channel offset adjustment. If the channel gain setting is
at its ideal nominal value of 0x555555, an LSB of offset register
adjustment changes the digital output by −1/192 LSBs. For
example, changing the offset register from 0 to 4800 changes the
digital output by −25 LSBs. Because offset calibration occurs
before gain calibration, the ratio of −1/192 changes linearly with
gain adjustment via the Channel x gain registers (see Table 53).
After a reset or power cycle, the offset register values revert to the
default factory setting.
Gain Adjustment
Each ADC channel has an associated gain coefficient. The
coefficient is stored in three single-byte registers split up as
MSB, MID, and LSB. Each of the gain registers are factory
programmed. Nominally, this gain is around the value 0x555555
(for an ADC channel). The user can overwrite the gain register
setting. However, after a reset or power cycle, the gain register
values revert to the hard coded programmed factory setting.
Calculate the approximate result that is output using the
following formula:
42
21
2
300
,
194
,
4
1024
)
(
2
3
×
×


−
×
×
=
Gain
Offset
V
V
Data
REF
IN
where:
Offset is the offset register setting.
Gain is the gain register setting.
Sync Phase Offset Adjustment
The AD7761 has one synchronization signal for all channels.
The sync phase offset register allows the user to vary the phase
delay on each channel relative to the synchronization edge
received on the SYNC_IN pin.
By default, all ADC channels react simultaneously to
the SYNC_IN pulse. The sync phase registers can be
programmed to equalize known external phase differences on
the ADC input channels, relative to one another. The range of
phase compensation is limited to a maximum of one conversion
cycle, and the resolution of the correction depends on the
decimation rate in use.
Table 29 displays the resolution and register bits used for phase
offset for each decimation ratio.
Table 29. Phase Delay Resolution
Decimation
Ratio
Resolution
Steps
Sync Phase Offset
Register Bits
×32
1/fMOD
32
[7:3]
×64
1/fMOD
64
[7:2]
×128
1/fMOD
128
[7:1]
×256
1/fMOD
256
[7:0]
×512
2/fMOD
256
[7:0]
×1024
4/fMOD
256
[7:0]
Adjusting the sync phase of channels can affect the time to the
first DRDY pulse after the sync pulse, as well as the time to Bit 6
of the header status (filter not settled data bit) being cleared,
that is, the time to settled data.
If all channels are using the sinc5 filter, the time to the
first DRDY pulse is not affected by the adjustment of the sync
phase offset, assuming that at least one channel has zero sync
phase offset adjustment. If all channels have a nonzero sync phase
offset setting, the time to the first DRDY pulse is delayed
according to the channel that has the least offset applied.
Channels with a sync offset adjustment setting that delays the
internal sync signal, relative to other channels, may not output
settled data until after the next DRDY pulse. In other words,
there may be a delay of one ODR period between the settled
data being output by the AD7761 for the channels with added
phase delay.
If all channels are using the wideband filter, the time to the
first DRDY pulse and the time to settled data is delayed
according to the channel with the maximum phase delay
setting. In this case, the interface waits for the latest channel and
outputs data for all channels when that channel is ready.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com