Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC933FDH Datasheet(PDF) 1 Page - NXP Semiconductors

Part # P89LPC933FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC933FDH Datasheet(HTML) 1 Page - NXP Semiconductors

  P89LPC933FDH Datasheet HTML 1Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 2Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 3Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 4Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 5Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 6Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 7Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 8Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 75 page
background image
1.
General description
The P89LPC933/934/935/936 is a single-chip microcontroller, available in low cost
packages, based on a high performance processor architecture that executes instructions
in two to four clocks, six times the rate of standard 80C51 devices. Many system-level
functions have been incorporated into the P89LPC933/934/935/936 in order to reduce
component count, board space, and system cost.
2.
Features
2.1 Principal features
s 4 kB/8 kB/16 kB byte-erasable flash code memory organized into 1 kB/2 kB sectors
and 64-byte pages. Single-byte erasing allows any byte(s) to be used as non-volatile
data storage.
s 256-byte RAM data memory. Both the P89LPC935 and P89LPC936 also include a
512-byte auxiliary on-chip RAM.
s 512-byte customer data EEPROM on chip allows serialization of devices, storage of
setup parameters, etc. (P89LPC935/936).
s Dual 4-input multiplexed 8-bit A/D converters/DAC outputs (P89LPC935/936, single
A/D on P89LPC933/934).Two analog comparators with selectable inputs and
reference source.
s Two 16-bit counter/timers (each may be configured to toggle a port output upon timer
overflow or to become a PWM output) and a 23-bit system timer that can also be used
as an RTC.
s Enhanced UART with fractional baud rate generator, break detect, framing error
detection, and automatic address detection; 400 kHz byte-wide I2C-bus
communication port and SPI communication port.
s Capture/Compare Unit (CCU) provides PWM, input capture, and output compare
functions (P89LPC935/936).
s High-accuracy internal RC oscillator option allows operation without external oscillator
components.The RC oscillator option is selectable and fine tunable.
s 2.4 V to 3.6 V VDD operating range. I/O pins are 5 V tolerant (may be pulled up or
driven to 5.5 V).
s 28-pin TSSOP, PLCC, and HVQFN packages with 23 I/O pins minimum and up to 26
I/O pins while using on-chip oscillator and reset options.
P89LPC933/934/935/936
8-bit microcontroller with accelerated two-clock 80C51 core
4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
Rev. 06 — 20 June 2005
Product data sheet


Similar Part No. - P89LPC933FDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC933FDH PHILIPS-P89LPC933FDH Datasheet
337Kb / 71P
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable Flash with 8-bit A/D converters
Rev. 06-20 June 2005
P89LPC933FDH NXP-P89LPC933FDH Datasheet
366Kb / 75P
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
Rev. 07-26 November 2008
More results

Similar Description - P89LPC933FDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC933 PHILIPS-P89LPC933 Datasheet
337Kb / 71P
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable Flash with 8-bit A/D converters
Rev. 06-20 June 2005
P89LPC933 NXP-P89LPC933 Datasheet
366Kb / 75P
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
Rev. 07-26 November 2008
P89LPC952 NXP-P89LPC952 Datasheet
339Kb / 69P
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB/16 kB 3 V byte-erasable flash with 10-bit ADC
Rev. 04-24 July 2008
P89LPC9201 NXP-P89LPC9201 Datasheet
335Kb / 74P
8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 01-16 April 2009
P89LPC970 NXP-P89LPC970 Datasheet
459Kb / 66P
8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB wide-voltage byte-erasable flash
Rev. 02-27 April 2010
P89LPC9301 NXP-P89LPC9301 Datasheet
312Kb / 65P
8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable flash
Rev. 01-9 April 2009
P89LPC9331 NXP-P89LPC9331 Datasheet
433Kb / 93P
8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
Rev. 03-2 June 2009
P89LPC92X1 NXP-P89LPC92X1 Datasheet
1Mb / 75P
8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
Rev. 2-1 December 2010
P89LPC9331 NXP-P89LPC9331_11 Datasheet
650Kb / 94P
8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable
Rev. 5-10 January 2011
P89LPC971FDH129 NXP-P89LPC971FDH129 Datasheet
427Kb / 67P
8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB wide-voltage byte-erasable flash
Rev. 3-8 June 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com