Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC933FDH Datasheet(PDF) 24 Page - NXP Semiconductors

Part # P89LPC933FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC933FDH Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button P89LPC933FDH Datasheet HTML 20Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 21Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 22Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 23Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 24Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 25Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 26Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 27Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 75 page
background image
9397 750 15113
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 — 20 June 2005
24 of 75
Philips Semiconductors
P89LPC933/934/935/936
8-bit microcontroller with accelerated two-clock 80C51 core
8.2 Enhanced CPU
The P89LPC933/934/935/936 uses an enhanced 80C51 CPU which runs at six times the
speed of standard 80C51 devices. A machine cycle consists of two CPU clock cycles, and
most instructions execute in one or two machine cycles.
8.3 Clocks
8.3.1 Clock definitions
The P89LPC933/934/935/936 device has several internal clocks as defined below:
OSCCLK — Input to the DIVM clock divider. OSCCLK is selected from one of four clock
sources (see Figure 8) and can also be optionally divided to a slower frequency (see
Section 8.8 “CCLK modification: DIVM register”).
Remark: fosc is defined as the OSCCLK frequency.
CCLK — CPU clock; output of the clock divider. There are two CCLK cycles per machine
cycle, and most instructions are executed in one to two machine cycles (two or four CCLK
cycles).
RCCLK — The internal 7.373 MHz RC oscillator output.
PCLK — Clock for the various peripheral devices and is CCLK
⁄
2.
8.3.2 CPU clock (OSCCLK)
The P89LPC933/934/935/936 provides several user-selectable oscillator options in
generating the CPU clock. This allows optimization for a range of needs from high
precision to lowest possible cost. These options are configured when the flash is
programmed and include an on-chip watchdog oscillator, an on-chip RC oscillator, an
oscillator using an external crystal, or an external clock source. The crystal oscillator can
be optimized for low, medium, or high frequency crystals covering a range from 20 kHz to
18 MHz.
8.3.3 Low speed oscillator option
This option supports an external crystal in the range of 20 kHz to 100 kHz. Ceramic
resonators are also supported in this configuration.
8.3.4 Medium speed oscillator option
This option supports an external crystal in the range of 100 kHz to 4 MHz. Ceramic
resonators are also supported in this configuration.
8.3.5 High speed oscillator option
This option supports an external crystal in the range of 4 MHz to 18 MHz. Ceramic
resonators are also supported in this configuration.
8.3.6 Clock output
The P89LPC933/934/935/936 supports a user-selectable clock output function on the
XTAL2/CLKOUT pin when crystal oscillator is not being used. This condition occurs if
another clock source has been selected (on-chip RC oscillator, watchdog oscillator,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com